Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRAH-12FXX0 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # XRAH-12FXX0
Description  NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRAH-12FXX0 Datasheet(HTML) 7 Page - Bel Fuse Inc.

  XRAH-12FXX0 Datasheet HTML 1Page - Bel Fuse Inc. XRAH-12FXX0 Datasheet HTML 2Page - Bel Fuse Inc. XRAH-12FXX0 Datasheet HTML 3Page - Bel Fuse Inc. XRAH-12FXX0 Datasheet HTML 4Page - Bel Fuse Inc. XRAH-12FXX0 Datasheet HTML 5Page - Bel Fuse Inc. XRAH-12FXX0 Datasheet HTML 6Page - Bel Fuse Inc. XRAH-12FXX0 Datasheet HTML 7Page - Bel Fuse Inc. XRAH-12FXX0 Datasheet HTML 8Page - Bel Fuse Inc. XRAH-12FXX0 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 V-5.5 V Input
1.0 V-3.3 V/12 A Output
Thermal Derating Curves (continued)
SRAH-12F150
VRAH-12F150
SRAH-12F120
VRAH-12F120
SRAH-12F100
VRAH-12F100
Test Condition
: Derating curves are tested at 5 V input.


Similar Part No. - XRAH-12FXX0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
499Kb / 12P
   NON-ISOLATED DC/DC CONVERTERS
XRAH-12FXX0 BEL-XRAH-12FXX0_07 Datasheet
499Kb / 12P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRAH-12FXX0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
X7AH-01FXX0 BEL-X7AH-01FXX0 Datasheet
142Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 12 V/0.8 A & 15 V/0.6 A Output
X7AH-07A1A0 BEL-X7AH-07A1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output
XRPB-06F1AX BEL-XRPB-06F1AX Datasheet
181Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
SRDB-04C500 BEL-SRDB-04C500 Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5 V/4 A Output
XRPC-04C50X BEL-XRPC-04C50X Datasheet
122Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
SRBA-06F1AX BEL-SRBA-06F1AX Datasheet
189Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
VRBC-10F2AX BEL-VRBC-10F2AX Datasheet
234Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/10 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com