Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7AH-12F100 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # V7AH-12F100
Description  NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 1.0V-3.3V/12A Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7AH-12F100 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  V7AH-12F100 Datasheet HTML 1Page - Bel Fuse Inc. V7AH-12F100 Datasheet HTML 2Page - Bel Fuse Inc. V7AH-12F100 Datasheet HTML 3Page - Bel Fuse Inc. V7AH-12F100 Datasheet HTML 4Page - Bel Fuse Inc. V7AH-12F100 Datasheet HTML 5Page - Bel Fuse Inc. V7AH-12F100 Datasheet HTML 6Page - Bel Fuse Inc. V7AH-12F100 Datasheet HTML 7Page - Bel Fuse Inc. V7AH-12F100 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-5.5V Input
1.0V-3.3V/12A Output
Non-Isolated
OCP/SCP
Fixed frequency (300kHz)
Trim function (Option)
Low profile package (7.82mm)
Remote On/Off
Under-voltage lockout (UVLO)
Remote Sense (SMD module)
Description
The Bel x7AH-12Fxx0 series are part of the low cost non-isolated DC/DC converter series. These converters are
available in a range of output voltages from 1.0V to 3.3V. It is packaged in a compact, overmolded package
rated at 12A. The output is closely regulated and the efficiency of 3.3V output module is typically 93% at full load.
Typical features include remote on/off, input under voltage lockout, over current protection and short circuit
protection.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Part Number
Surface Mount
Part Number
Vertical Mount
3.3V
4.5V – 5.5V
12A
39.6W
93%
S7AH-12F330
V7AH-12F330
2.5V
3.6V – 5.5V
12A
30.0W
89%
S7AH-12F250
V7AH-12F250
1.8V
3.0V – 5.5V
12A
21.6W
87%
S7AH-12F180
V7AH-12F180
1.5V
3.0V – 5.5V
12A
18.0W
84%
S7AH-12F150
V7AH-12F150
1.2V
3.0V – 5.5V
12A
14.4W
82%
S7AH-12F120
V7AH-12F120
1.0V
3.0V – 5.5V
12A
12.0W
80%
S7AH-12F100
V7AH-12F100
Note:
Add “0” suffix at the end of the model number to indicate “Tube Packaging”, and “R” for “Reel
Packaging”, and “G” for “Tray Packaging”.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3V
-
6V
Output Enable Terminal Voltage
-0.3V
-
7V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
VO=3.3V
VO=2.5V
VO=1.8-1.0V
4.5V
3.6V
3.0V
-
-
-
5.5V
5.5V
5.5V
Input Current (no load)
-
120mA
200mA
Input Current (full load)
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=1.0V
-
-
-
-
-
-
-
-
-
-
-
-
11A
10.5A
9.0A
8.1A
6.5A
5.2A
Remote Off Input Current
-
2mA
5mA
x7AH-12Fxx0 Series


Similar Part No. - V7AH-12F100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7AH-12F1A0 BEL-V7AH-12F1A0 Datasheet
187Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.8V-3.3V/12A Output
More results

Similar Description - V7AH-12F100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-12F1A0 BEL-X7AH-12F1A0 Datasheet
187Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.8V-3.3V/12A Output
X7PB-06F1AX BEL-X7PB-06F1AX Datasheet
185Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.75V-3.63V/6A Output
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7DB-12C BEL-S7DB-12C Datasheet
168Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A
X7AH-01FXXN BEL-X7AH-01FXXN Datasheet
69Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input -5V/1A & -12V/0.5A Output
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com