Electronic Components Datasheet Search |
|
XRPC-04C50X Datasheet(PDF) 2 Page - Bel Fuse Inc. |
|
XRPC-04C50X Datasheet(HTML) 2 Page - Bel Fuse Inc. |
2 / 5 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output Output Specifications Parameter Min Typ Max Notes Output Voltage Set Point 4.9 V 5.0 V 5.1 V Load Regulation - 10 mV 25 mV Line Regulation - 5 mV 15 mV Regulation Over Temperature (-40 °C to 85 °C) - 15 mV 45 mV Output Current 0 A - 4 A Output Ripple and Noise (pk-pk) - 50 mV 100 mV Output Ripple and Noise (rms) - 15 mV 30 mV Test conditions: 0-20 MHz BW, with external 1 uF / 10 V ceramic capacitor at the output Turn on Time - 10 mS - Overshoot at Turn on - 0% 3% Output Capacitance 0 uF - 1600 uF Transient Response 50% ~ 100% Max Load - 100 mV 200 mV Settling Time - 200 uS 500 uS 100% ~ 50% Max Load - 100 mV 200 mV Settling Time VO = 5.0 V - 200 uS 500 uS di/dt=0.1 A/uS; Vin=3.3 V; and with external 220 uF Tantalum capacitor & 1 uF / 10 V ceramic capacitor at the output. Note: All specifications are typical at nominal input, full load at 25 °C unless otherwise stated. General Specifications Parameter Min Typ Max Notes Efficiency 89% 92.5% - Vin=3.3 V, full load Switching Frequency 200 kHz 250 kHz 300 kHz MTBF 8,754,928 hours Calculated Per Bell Core SR-332 (IO = 80% load; Vin=12 V; Ta = 25 °C) 2.5 x 0.55 x 0.34 63.50 x 13.98 x 8.64 VRPC-04C50x Dimensions Inches (L × W × H) Millimeters (L × W × H) 2.5 x 0.55 x 0.375 63.50 x 13.98 x 9.53 0RPC-04C50x Weight - 9.2 g - Note: All specifications are typical at 25 °C unless otherwise stated. |
Similar Part No. - XRPC-04C50X |
|
Similar Description - XRPC-04C50X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |