Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5350 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5350
Description  LF to 4 GHz High Linearity Y-Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5350 Datasheet HTML 3Page - Analog Devices ADL5350 Datasheet HTML 4Page - Analog Devices ADL5350 Datasheet HTML 5Page - Analog Devices ADL5350 Datasheet HTML 6Page - Analog Devices ADL5350 Datasheet HTML 7Page - Analog Devices ADL5350 Datasheet HTML 8Page - Analog Devices ADL5350 Datasheet HTML 9Page - Analog Devices ADL5350 Datasheet HTML 10Page - Analog Devices ADL5350 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Preliminary Technical Data
ADL5350
PrC | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
RF/IF
2
GND2
3
LOIN
4
GND1
8 RF/IF
7GC
6VPOS
5 GND1
ADL5350
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Function
1, 8
RF/IF
RF and IF Input/Output Ports. These nodes are internally tied together. RF and IF port separation is achieved
using external tuning networks.
2
GND2
Device Common (DC Ground) for RFIF Switching Circuitry.
3
LOIN
LO Input, AC-Coupled.
4, 5
GND1
Device Common (DC Ground) for LO Buffer Circuitry.
6
VPOS
Positive Supply Voltage for the Drain of the LO Buffer. A series RF choke is needed on the supply line to provide
proper ac-loading of the LO buffer amplifier.
7
GC
Gate Contact of Mixing Device. Typically not connected for high frequency mixing. Connecting capacitor
between GC and VPOS permits low frequency applications.


Similar Part No. - ADL5350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5350-EVALZ AD-ADL5350-EVALZ Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
ADL5350-EVALZ AD-ADL5350-EVALZ Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
ADL5350ACPZ AD-ADL5350ACPZ Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
ADL5350ACPZ-R7 AD-ADL5350ACPZ-R7 Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
ADL5350ACPZ-R7 AD-ADL5350ACPZ-R7 Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
More results

Similar Description - ADL5350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5350 AD-ADL5350_08 Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
ADL5350ACPZ AD-ADL5350ACPZ Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
   Active Receive Mixer LF to 3 GHz
REV. B
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Linear Technology
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com