Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4002BRUZ-RL Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4002BRUZ-RL
Description  Phase Detector/Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002BRUZ-RL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4002BRUZ-RL Datasheet HTML 3Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 4Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 5Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 6Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 7Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 8Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 9Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 10Page - Analog Devices ADF4002BRUZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADF4002
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0
–5
–10
–15
–20
–25
–30
–40
–35
0
100
200
300
400
500
600
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 5. RF Input Sensitivity
0
12345
10
9
68
7
FREQUENCY (MHz)
0
–5
–10
–15
–20
–25
–40°C
+25°C
+85°C
Figure 6. RF Input Sensitivity, Low Frequency
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
rms NOISE = 0.07 DEGREES
Figure 7. Integrated Phase Noise (400 MHz, 1 MHz, 50 kHz)
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
rms NOISE = 0.03 DEGREES
Figure 8. Integrated Phase Noise (400 MHz, PFD = 200 MHz, 50 kHz)
–130
–135
–140
–145
–155
–160
–165
–170
–175
–180
100k
1M
10M
100M
1G
PFD FREQUENCY (Hz)
Figure 9. Phase Noise (Referred to CP Output) vs. PFD Frequency
REF –4dBm
SAMP LOG 10dB/
ATTN 10dB
VBW 20KHz
MKR1 1.000 MHz
–94.5dBc
CENTER 399.995MHz
RES BW 20KHz
SPAN 2.2MHz
SWEEP 21ms (601pts)
–94.5dBc
0
–10
–20
–30
–40
–50
–60
–70
–90
–100
–80
1
1R
Figure 10. Reference Spurs (400 MHz, 1 MHz, 7 kHz)


Similar Part No. - ADF4002BRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4002 AD-ADF4002_15 Datasheet
371Kb / 20P
   Phase Detector/Frequency Synthesizer
REV. C
More results

Similar Description - ADF4002BRUZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4002 AD-ADF4002_15 Datasheet
371Kb / 20P
   Phase Detector/Frequency Synthesizer
REV. C
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
   Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
   Phase-Frequency Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com