Selected language     English  ▼


MAX9986 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX9986
Description  SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
General Description
The MAX9986 high-linearity downconversion mixer pro-
vides 10dB gain, +23.6dBm IIP3, and 9.3dB NF for
815MHz to 995MHz base-station receiver applications.
With a 960MHz to 1180MHz LO frequency range, this
particular mixer is ideal for high-side LO injection
receiver architectures. Low-side LO injection is sup-
ported by the MAX9984, which is pin-for-pin and func-
tionally compatible with the MAX9986.
In addition to offering excellent linearity and noise perfor-
mance, the MAX9986 also yields a high level of compo-
nent integration. This device includes a double-balanced
passive mixer core, an IF amplifier, a dual-input LO selec-
table switch, and an LO buffer. On-chip baluns are also
integrated to allow for single-ended RF and LO inputs.
The MAX9986 requires a nominal LO drive of 0dBm, and
supply current is guaranteed to be below 265mA.
The MAX9984/MAX9986 are pin compatible with the
MAX9994/MAX9996 1700MHz to 2200MHz mixers,
making this entire family of downconverters ideal for
applications where a common PC board layout is used
for both frequency bands. The MAX9986 is also func-
tionally compatible with the MAX9993.
The MAX9986 is available in a compact, 20-pin, thin
QFN package (5mm x 5mm) with an exposed paddle.
Electrical performance is guaranteed over the extended
-40°C to +85°C temperature range.
Applications
850MHz W-CDMA Base Stations
GSM 850/GSM 900 2G and 2.5G EDGE Base
Stations
cdmaOne™ and cdma2000® Base Stations
iDEN® Base Stations
Predistortion Receivers
Fixed Broadband Wireless Access
Wireless Local Loop
Private Mobile Radios
Military Systems
Microwave Links
Digital and Spread-Spectrum Communication
Systems
Features
♦ 815MHz to 995MHz RF Frequency Range
♦ 960MHz to 1180MHz LO Frequency Range
(MAX9986)
♦ 570MHz to 850MHz LO Frequency Range
(MAX9984)
♦ 50MHz to 250MHz IF Frequency Range
♦ 10dB Conversion Gain
♦ +23.6dBm Input IP3
♦ +12dBm Input 1dB Compression Point
♦ 9.3dB Noise Figure
♦ 67dBc 2LO-2RF Spurious Rejection at
PRF = -10dBm
♦ Integrated LO Buffer
♦ Integrated RF and LO Baluns for Single-Ended
Inputs
♦ Low -3dBm to +3dBm LO Drive
♦ Built-In SPDT LO Switch with 49dB LO1 to LO2
Isolation and 50ns Switching Time
♦ Pin Compatible with MAX9994/MAX9996 1700MHz
to 2200MHz Mixers
♦ Functionally Compatible with MAX9993
♦ External Current-Setting Resistors Provide Option
for Operating Mixer in Reduced Power/Reduced
Performance Mode
♦ Lead-Free Package Available
SiGe High-Linearity, 815MHz to 995MHz
Downconversion Mixer with LO Buffer/Switch
________________________________________________________________ Maxim Integrated Products
1
Pin Configuration/Functional Diagram and Typical
Application Circuit appear at end of data sheet.
19-3605; Rev 0; 2/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
*EP = Exposed paddle.
+ = Lead free. D = Dry pack. T = Tape-and-reel.
PART
TEMP RANGE
PIN-PACKAGE
PKG
CODE
MAX9986ETP
-40
°C to +85°C
20 Thin QFN-EP*
5mm
× 5mm
T2055-3
MAX9986ETP-T
-40
°C to +85°C
20 Thin QFN-EP*
5mm
× 5mm
T2055-3
MAX9986ETP+D
-40
°C to +85°C
20 Thin QFN-EP*
5mm
× 5mm
T2055-3
MAX9986ETP+TD -40
°C to +85°C
20 Thin QFN-EP*
5mm
× 5mm
T2055-3
cdma2000 is a registered trademark of the Telecommunications
Industry Association.
cdmaOne is a trademark of CDMA Development Group.
iDEN is a registered trademark of Motorola, Inc.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2039High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2041High-Linearity 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9993High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2058700MHz to 1200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX20591700MHz to 2200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl