Selected language     English  ▼


MAX9986 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX9986
Description  SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 3 page
background image
SiGe High-Linearity, 815MHz to 995MHz
Downconversion Mixer with LO Buffer/Switch
_______________________________________________________________________________________
3
Note 1: All limits include external component losses. Output measurements taken at IF output of the Typical Application Circuit.
Note 2: Operation outside this range is possible, but with degraded performance of some parameters.
Note 3: Compression point characterized. It is advisable not to operate continuously the mixer RF input above +12dBm.
Note 4: Measured with external LO source noise filtered so the noise floor is -174dBm/Hz. This specification reflects the effects of all
SNR degradations in the mixer, including the LO noise as defined in Maxim Application Note 2021.
Note 5: Guaranteed by design and characterization.
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX9986 Typical Application Circuit, VCC = +4.75V to +5.25V, RF and LO ports are driven from 50Ω sources, PLO = -3dBm to
+3dBm, PRF = -5dBm, fRF = 815MHz to 995MHz, fLO = 960MHz to 1180MHz, fIF = 160MHz, fLO > fRF, TC = -40°C to +85°C, unless
otherwise noted. Typical values are at VCC = +5V, PRF = -5dBm, PLO = 0dBm, fRF = 910MHz, fLO = 1070MHz, fIF = 160MHz, TC =
+25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Noise Figure
NF
Single sideband, fIF = 190MHz
9.3
dB
PBLOCKER =
+8dBm
19
Noise Figure Under-Blocking
fRF = 900MHz (no signal)
fLO = 1090MHz
fBLOCKER = 990MHz
fIF = 190MHz
(Note 4)
PBLOCKER =
+11dBm
24
dB
PBLOCKER =
+8dBm
0.3
Small-Signal Compression
Under-Blocking Condition
PFUNDAMENTAL = -5dBm
fFUNDAMENTAL = 910MHz
fBLOCKER = 911MHz
PBLOCKER =
+11dBm
2
dB
LO Drive
-3
+3
dBm
PRF = -10dBm
67
2 x 2
2LO-2RF
PRF = -5dBm
62
PRF = -10dBm
87
Spurious Response at IF
3 x 3
3LO-3RF
PRF = -5dBm
77
dBc
LO2 selected
42
49
LO1 to LO2 Isolation
PLO = +3dBm
TC = +25°C (Note 5)
LO1 selected
42
50
dB
LO Leakage at RF Port
PLO = +3dBm
-47
dBm
LO Leakage at IF Port
PLO = +3dBm
-30
dBm
RF-to-IF Isolation
46
dB
LO Switching Time
50% of LOSEL to IF settled to within 2
°
50
ns
RF Port Return Loss
20
dB
LO1/2 port selected,
LO2/1 and IF terminated
27
LO Port Return Loss
LO1/2 port unselected,
LO2/1 and IF terminated
26
dB
IF Port Return Loss
LO driven at 0dBm, RF terminated into 50
Ω,
differential 200
22
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9996SiGe High-Linearity 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2039High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2041High-Linearity 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9993High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2058700MHz to 1200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX20591700MHz to 2200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl