Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB143 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB143
Description  Low-voltage variable capacitance diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB143 Datasheet(HTML) 2 Page - NXP Semiconductors

  BB143 Datasheet HTML 1Page - NXP Semiconductors BB143 Datasheet HTML 2Page - NXP Semiconductors BB143 Datasheet HTML 3Page - NXP Semiconductors BB143 Datasheet HTML 4Page - NXP Semiconductors BB143 Datasheet HTML 5Page - NXP Semiconductors BB143 Datasheet HTML 6Page - NXP Semiconductors BB143 Datasheet HTML 7Page - NXP Semiconductors BB143 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 12
2
Philips Semiconductors
Preliminary specification
Low-voltage variable capacitance diode
BB143
FEATURES
• Excellent linearity
• Ultra small plastic SMD package
• C4: 2.25 pF; ratio: 2.35
• Low series resistance.
APPLICATIONS
• Voltage controlled oscillators (VCO).
DESCRIPTION
The BB143 is a variable capacitance diode, fabricated in
planar technology, and encapsulated in the
SOD523 (SC-79) ultra small plastic SMD package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1
Simplified outline (SOD523; SC-79)
and symbol.
Marking code: L.
Orientation of marking code as shown.
Cathode side indicated by a bar.
handbook, halfpage
12
MBL026
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
6V
VRM
peak reverse voltage
in series with a 10 k
Ω resistor
8V
IF
continuous forward current
20
mA
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IR
reverse current
VR = 6 V; see Fig.3
−−
10
nA
VR =6V; Tj =85 °C; see Fig.3
−−
200
nA
rs
diode series resistance
f = 470 MHz; VR =1V
0.5
−Ω
Cd
diode capacitance
VR = 1 V; f = 1 MHz;
see Figs 2 and 4
4.75
5.3
5.75
pF
VR = 4 V; f = 1 MHz;
see Figs 2 and 4
2.05
2.25
2.55
pF
capacitance ratio
f = 1 MHz
2.1
2.35
C
d1V
()
C
d4V
()
------------------


Similar Part No. - BB143

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB143 LRC-BB143 Datasheet
127Kb / 2P
   Low-voltage variable capacitance diode
More results

Similar Description - BB143

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB202 NXP-BB202 Datasheet
227Kb / 6P
   Low-voltage variable capacitance diode
Rev. 02-3 January 2008
BB156 NXP-BB156_04 Datasheet
58Kb / 7P
   Low-voltage variable capacitance diode
2004 Mar 01
BB142 PHILIPS-BB142 Datasheet
44Kb / 8P
   Low-voltage variable capacitance diode
1999 May 12
BB156 PHILIPS-BB156 Datasheet
53Kb / 8P
   Low-voltage variable capacitance diode
1998 Aug 17
logo
Quanzhou Jinmei Electro...
BB202_N_2015 JMNIC-BB202_N_2015 Datasheet
234Kb / 6P
   Low-voltage variable capacitance diode
logo
NXP Semiconductors
BB145B PHILIPS-BB145B_15 Datasheet
137Kb / 7P
   Low-voltage variable capacitance diode
2004 Mar 29
logo
Quanzhou Jinmei Electro...
BB145B-01 JMNIC-BB145B-01_15 Datasheet
59Kb / 6P
   Low-voltage variable capacitance diode
logo
NXP Semiconductors
BB141 PHILIPS-BB141 Datasheet
44Kb / 8P
   Low-voltage variable capacitance diode
1999 May 12
logo
Leshan Radio Company
BB142 LRC-BB142 Datasheet
127Kb / 2P
   Low-voltage variable capacitance diode
logo
Zhaoxingwei Electronics...
BB156 ZHAOXINGWEI-BB156 Datasheet
45Kb / 1P
   Low-Voltage Variable Capacitance Diode
logo
Quanzhou Jinmei Electro...
BB156_2015 JMNIC-BB156_2015 Datasheet
58Kb / 7P
   Low-voltage variable capacitance diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com