Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2N-N Datasheet(PDF) 1 Page - AIMTEC

Part # AM2N-N
Description  2 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2N-N Datasheet(HTML) 1 Page - AIMTEC

  AM2N-N Datasheet HTML 1Page - AIMTEC AM2N-N Datasheet HTML 2Page - AIMTEC AM2N-N Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
41
VISIT US AT WWW.AIMTEC.CA
AM2N-N Series
24-PIN DIP PACKAGE
HIGH EFFICIENCY UP TO 85%
LOW PROFILE PLASTIC
PACKAGE
INPUT/OUTPUT ISOLATION: 6000VDC
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified
Physical Specifications:
Dimensions
32.3x14.7x9.4mm
1.27x0.58x0.37inches
Weight
16g
Case material
Plastic UL94-VO
MTBF: > 1,000,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25ºC)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage (60 sec)
6000VDC
Resistance
> 1000MOhm
Output Specifications:
Voltage accuracy
See tolerance
envelope graph
Ripple & noise (at 20MHz BW)
100mVp-p, typ.
Short circuit protection
1 sec.
Line voltage regulation
±1.2%/1% of Vin max.
Load voltage regulation
15%, max.
Temperature Coefficient
±0.03%/ºC, max.
2 watt dc-dc converters
Function
Pin
+V Input
-V Input
N.C.
OV
+V Output
1
2
8,17
10,15
12,13
Function
Pin
+V Input
-V Input
-V Output
OV
+V Output
1
2
8,17
10,15
12,13
Single output
Dual output
GENERAL DESCRIPTION
Our AM2N-N series is a family of cost effective 2W
single and dual output DC-DC converters. These converters
combine plastic package in a 24-pin DIP compatible case
with high performance feature such as 6000VDC input/
output isolation voltage. Input voltages of 5, 12 & 24VDC
with output voltages of 5, 9, 12, 15, ±5, ±9, ±12, ±15VDC.
Full SMD-design and a 100% production test of parame-
ters ensures a high reliability in this product.
Input Specifications:
Voltage range
±10%
Filter
Capacitor
Environmental Specifications:
Operating temperature (ambient) -40ºC ... +85ºC
Storage temperature
-55ºC ... +125ºC
Case temperature
+95°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
General Specifications:
Efficiency
72% to 81%
Switching Frequency
35KHz, typ. 100% load
OUTLINE DIMENSIONS & PIN CONNECTIONS
Series
Continued on next page


Similar Part No. - AM2N-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2N-N-Z AIMTEC-AM2N-N-Z Datasheet
208Kb / 4P
   Pin Compatible With Multiple Manufacturers
AM2N-N-Z AIMTEC-AM2N-N-Z_16 Datasheet
208Kb / 4P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ_13 Datasheet
238Kb / 3P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2N-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
   2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
   2 watt dc-dc converters
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCMCU2 WALL-DCMCU2 Datasheet
596Kb / 5P
   2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
   2 Watt DC/DC Power Converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
   2 WATT REGULATED DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCMSAU2 WALL-DCMSAU2 Datasheet
747Kb / 5P
   2 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
   DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com