Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2D-1224S Datasheet(PDF) 2 Page - AIMTEC

Part # AM2D-1224S
Description  2 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-1224S Datasheet(HTML) 2 Page - AIMTEC

  AM2D-1224S Datasheet HTML 1Page - AIMTEC AM2D-1224S Datasheet HTML 2Page - AIMTEC AM2D-1224S Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
34
TO ORDER CALL 1-888-9-AIMTEC
MODELS
Single output
AM2D Series
Models
Isolation 1000VDC Isolation 3000VDC
Isolation 4000VDC
Isolation 5200VDC
Input
Voltage
Ouput
Voltage
Ouput
Current
max.
AM2D-0503S
AM2D-0505S
AM2D-0507S
AM2D-0509S
AM2D-0512S
AM2D-0515S
AM2D-0518S
AM2D-0524S
AM2D-1203S
AM2D-1205S
AM2D-1207S
AM2D-1209S
AM2D-1212S
AM2D-1215S
AM2D-1218S
AM2D-1224S
AM2D-2403S
AM2D-2405S
AM2D-2407S
AM2D-2409S
AM2D-2412S
AM2D-2415S
AM2D-2418S
AM2D-2424S
AM2D-0503SH30
AM2D-0505SH30
AM2D-0507SH30
AM2D-0509SH30
AM2D-0512SH30
AM2D-0515SH30
AM2D-0518SH30
AM2D-0524SH30
AM2D-1203SH30
AM2D-1205SH30
AM2D-1207SH30
AM2D-1209SH30
AM2D-1212SH30
AM2D-1215SH30
AM2D-1218SH30
AM2D-1224SH30
AM2D-2403SH30
AM2D-2405SH30
AM2D-2407SH30
AM2D-2409SH30
AM2D-2412SH30
AM2D-2415SH30
AM2D-2418SH30
AM2D-2424SH30
AM2D-0503SH40
AM2D-0505SH40
AM2D-0507SH40
AM2D-0509SH40
AM2D-0512SH40
AM2D-0515SH40
AM2D-0518SH40
AM2D-0524SH40
AM2D-1203SH40
AM2D-1205SH40
AM2D-1207SH40
AM2D-1209SH40
AM2D-1212SH40
AM2D-1215SH40
AM2D-1218SH40
AM2D-1224SH40
AM2D-2403SH40
AM2D-2405SH40
AM2D-2407SH40
AM2D-2409SH40
AM2D-2412SH40
AM2D-2415SH40
AM2D-2418SH40
AM2D-2424SH40
AM2D-0503SH52
AM2D-0505SH52
AM2D-0507SH52
AM2D-0509SH52
AM2D-0512SH52
AM2D-0515SH52
AM2D-0518SH52
AM2D-0524SH52
AM2D-1203SH52
AM2D-1205SH52
AM2D-1207SH52
AM2D-1209SH52
AM2D-1212SH52
AM2D-1215SH52
AM2D-1218SH52
AM2D-1224SH52
AM2D-2403SH52
AM2D-2405SH52
AM2D-2407SH52
AM2D-2409SH52
AM2D-2412SH52
AM2D-2415SH52
AM2D-2418SH52
AM2D-2424SH52
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
5V±10%
12V±10%
24V±10%
400mA
400mA
278mA
222mA
167mA
134mA
111mA
83mA
400mA
400mA
278mA
222mA
167mA
134mA
111mA
83mA
400mA
400mA
278mA
222mA
167mA
134mA
111mA
83mA
Models
Isolation 1000VDC Isolation 3000VDC
Isolation 4000VDC
Isolation 5200VDC
Input
Voltage
Ouput
Voltage
Ouput
Current
max.
AM2D-0503D
AM2D-0505D
AM2D-0507D
AM2D-0509D
AM2D-0512D
AM2D-0515D
AM2D-0518D
AM2D-0524D
AM2D-1203D
AM2D-1205D
AM2D-1207D
AM2D-1209D
AM2D-1212D
AM2D-0503DH30
AM2D-0505DH30
AM2D-0507DH30
AM2D-0509DH30
AM2D-0512DH30
AM2D-0515DH30
AM2D-0518DH30
AM2D-0524DH30
AM2D-1203DH30
AM2D-1205DH30
AM2D-1207DH30
AM2D-1209DH30
AM2D-1212DH30
AM2D-0503DH40
AM2D-0505DH40
AM2D-0507DH40
AM2D-0509DH40
AM2D-0512DH40
AM2D-0515DH40
AM2D-0518DH40
AM2D-0524DH40
AM2D-1203DH40
AM2D-1205DH40
AM2D-1207DH40
AM2D-1209DH40
AM2D-1212DH40
AM2D-0503DH52
AM2D-0505DH52
AM2D-0507DH52
AM2D-0509DH52
AM2D-0512DH52
AM2D-0515DH52
AM2D-0518DH52
AM2D-0524DH52
AM2D-1203DH52
AM2D-1205DH52
AM2D-1207DH52
AM2D-1209DH52
AM2D-1212DH52
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
±15VDC
±18VDC
±24VDC
±3.3VDC
±5VDC
±7.2VDC
±9VDC
±12VDC
5V±10%
12V±10%
±200mA
±200mA
±139mA
±111mA
±83mA
±67mA
±55mA
±42mA
±200mA
±200mA
±139mA
±111mA
±83mA
Dual output


Similar Part No. - AM2D-1224S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-1224SH30Z AIMTEC-AM2D-1224SH30Z Datasheet
292Kb / 7P
   2 Watt | DC-DC Converter
AM2D-1224SH30Z AIMTEC-AM2D-1224SH30Z Datasheet
279Kb / 11P
   2 Watt | DC-DC Converter
AM2D-1224SH40Z AIMTEC-AM2D-1224SH40Z Datasheet
292Kb / 7P
   2 Watt | DC-DC Converter
AM2D-1224SH40Z AIMTEC-AM2D-1224SH40Z Datasheet
279Kb / 11P
   2 Watt | DC-DC Converter
AM2D-1224SH52Z AIMTEC-AM2D-1224SH52Z Datasheet
292Kb / 7P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2D-1224S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
   2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
   2 watt dc-dc converters
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
   2 Watt DC/DC Power Converters
DCMCU2 WALL-DCMCU2 Datasheet
596Kb / 5P
   2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
   2 Watt DC/DC Power Converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
   2 WATT REGULATED DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCMSAU2 WALL-DCMSAU2 Datasheet
747Kb / 5P
   2 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
   DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com