Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2702 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSMS-2702
Description  High Performance Schottky Diode for Transient Suppression
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-2702 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  HSMS-2702 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-2702 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-2702 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-2702 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-2702 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-2702 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-2702 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-2702 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
The key factors in these equations
are: RS, the series resistance of the
diode where heat is generated
under high current conditions;
θchip, the chip thermal resistance
of the Schottky die; and
θpackage,
or the package thermal resistance.
RS for the HSMS-270x family of
diodes is typically 0.7
Ω and is the
lowest of any Schottky diode
available from Agilent. Chip
thermal resistance is typically
40
°C/W; the thermal resistance of
the iron-alloy-leadframe, SOT-23
package is typically 460
°C/W; and
the thermal resistance of the
copper-leadframe, SOT-323
package is typically 110
°C/W. The
impact of package thermal
Part Number Ordering Information
Part Number
No. of Devices
Container
HSMS-2700-BLK
100
Antistatic Bag
HSMS-2700-TR1
3,000
7" Reel
HSMS-2700-TR2
10,000
13" Reel
HSMS-2702-BLK
100
Antistatic Bag
HSMS-2702-TR1
3,000
7" Reel
HSMS-2702-TR2
10,000
13" Reel
HSMS-270B-BLK
100
Antistatic Bag
HSMS-270B-TR1
3,000
7" Reel
HSMS-270B-TR2
10,000
13" Reel
HSMS-270C-BLK
100
Antistatic Bag
HSMS-270C-TR1
3,000
7" Reel
HSMS-270C-TR2
10,000
13" Reel
resistance on the current handling
capability of these diodes can be
seen in Figures 3 and 4. Here the
computed values of junction
temperature vs. forward current
are shown for three values of
ambient temperature. The SOT-
323 products, with their copper
leadframes, can safely handle
almost twice the current of the
larger SOT-23 diodes. Note that
the term “ambient temperature”
refers to the temperature of the
diode’s leads, not the air around
the circuit board. It can be seen
that the HSMS-270B and
HSMS-270C products in the
SOT-323 package will safely
withstand a steady-state forward
current of 550 mA when the
diode’s terminals are maintained
at 75
°C.
For pulsed currents and transient
current spikes of less than one
microsecond in duration, the
junction does not have time to
reach thermal steady state.
Moreover, the diode junction may
be taken to temperatures higher
than 150
°C for short time-periods
without impacting device MTTF.
Because of these factors, higher
currents can be safely handled.
The HSMS-270x family has the
highest current handling capabil-
ity of any Agilent diode.
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (65) 6756 2394
India, Australia, New Zealand: (65) 6755 1939
Japan: (+81 3) 3335-8152(Domestic/International), or
0120-61-1280(Domestic Only)
Korea: (65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand, Philippines,
Indonesia: (65) 6755 2044
Taiwan: (65) 6755 1843
Data subject to change.
Copyright © 2004 Agilent Technologies, Inc.
Obsoletes 5968-2351E
March 24, 2004
5989-0473EN
Note
: For lead-free option, the part number will have the character "G"
at the end, eg. HSMS-270x-TR2G for a 10,000 lead-free reel.


Similar Part No. - HSMS-2702

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2702 AVAGO-HSMS-2702 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
HSMS-2702 AVAGO-HSMS-2702 Datasheet
150Kb / 9P
   High Performance Schottky Diode
More results

Similar Description - HSMS-2702

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
HBAT-5400 AVAGO-HBAT-5400 Datasheet
199Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
WALSIN TECHNOLOGY CORPO...
SR241K10DS20CNEEN WALSIN-SR241K10DS20CNEEN Datasheet
1Mb / 24P
   High performance transient voltage suppression
logo
Jinan Jing Heng Electro...
ESD5C5V01V-13P JINGHENG-ESD5C5V01V-13P Datasheet
312Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01L JINGHENG-ESD3C12V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
ESD5A12V01V JINGHENG-ESD5A12V01V Datasheet
462Kb / 4P
   Transient Voltage Suppression Diode
ESD5A24V01V35 JINGHENG-ESD5A24V01V35 Datasheet
359Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01V JINGHENG-ESD3C12V01V Datasheet
486Kb / 4P
   Transient Voltage Suppression Diode
ESD3C3V01L JINGHENG-ESD3C3V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com