Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC523J Datasheet(PDF) 2 Page - ITT Industries

Part # KSC523J
Description  Tact Switch with Rocker Option for SMT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSC523J Datasheet(HTML) 2 Page - ITT Industries

  KSC523J Datasheet HTML 1Page - ITT Industries KSC523J Datasheet HTML 2Page - ITT Industries KSC523J Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-26
B
ACTUATOR
KSC5
OPTION
CODE
OPERATING FORCE
2
2 N (200 grams)
4
3 N (300 grams)
OPTION
CODE
MATERIAL
1
Silver
3
Gold
OPERATING FORCE
CONTACT MATERIAL
KSC5 Series
Tact Switch with Rocker Option for SMT
ø4,7+0,1/-0,0
(.185+.004/-.000)
ø2,4
(.094)
10
±0,3
(.394
±.012)
0,5
(.020)
7,5+0,3/-0,0
(.295+.012/-.000)
6,2+0,3/-0,0
(.244+.012/-.000)
First Angle
Projection
KSC521G


Similar Part No. - KSC523J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5200 FAIRCHILD-KSC5200 Datasheet
62Kb / 5P
   Audio Power Amplifier
logo
C&K Components
KSC521G CK-COMPONENTS-KSC521G Datasheet
167Kb / 2P
   Tact Switch with Rocker Option for SMT
KSC521JROHS CK-COMPONENTS-KSC521JROHS Datasheet
167Kb / 2P
   Tact Switch with Rocker Option for SMT
logo
Fairchild Semiconductor
KSC5242 FAIRCHILD-KSC5242 Datasheet
52Kb / 5P
   Audio Power Amplifier
logo
C&K Components
KSC52JROHS CK-COMPONENTS-KSC52JROHS Datasheet
167Kb / 2P
   Tact Switch with Rocker Option for SMT
More results

Similar Description - KSC523J

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC5 CK-COMPONENTS-KSC5 Datasheet
167Kb / 2P
   Tact Switch with Rocker Option for SMT
KSR211GLFS CK-COMPONENTS-KSR211GLFS Datasheet
357Kb / 2P
   Subminiature Tact Switch for SMT
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
logo
ITT Industries
KSR ITT-KSR Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
KMR241GLFS ITT-KMR241GLFS Datasheet
167Kb / 2P
   Microminiature Tact Switch for SMT
logo
C&K Components
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
EL CK-COMPONENTS-EL Datasheet
247Kb / 2P
   Basic Tact Switch for SMT
4 Aug 21
KSC CK-COMPONENTS-KSC_V02 Datasheet
1Mb / 22P
   Sealed Tact Switch for SMT
26 May 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com