Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSJ0M410 Datasheet(PDF) 1 Page - ITT Industries

Part # KSJ0M410
Description  Spherical Actuator Tact Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSJ0M410 Datasheet(HTML) 1 Page - ITT Industries

  KSJ0M410 Datasheet HTML 1Page - ITT Industries KSJ0M410 Datasheet HTML 2Page - ITT Industries KSJ0M410 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-50
B
KSJ Series
Spherical Actuator Tact Switches
Features/Benefits
Spherical actuator allows
actuation force off center ± 30˚
with regard to vertical
Total travel 1.6 mm
Sealed against flux
Typical Applications
Automotive
Cranes, off road, railway
Factory automation
Security systems
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired
option from each category and place it in the appropriate box.
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
DISTANCE BETWEEN BUTTON CENTERS (min.): 7.62 (0.300)
TERMINALS: PC pins
NOTE: Part numbers listed above do not represent all possible configurations.
For information on specific and custom switches, consult Customer Service Center.
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 90˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-40˚C to 85˚C
-55˚C to 125˚C
Packaging
Delivered in boxes of 500 pieces.
Ground Terminal
0 Without
1 With
Insertion
M Thru-hole
V Vertical
K
S
J
Contact Material
1 Silver contacts
3 Gold contacts
Operation Force
2 2 N (200 grams), 100,000 operations
4 3 N (300 grams), 100,000 operations
Sealing
0 Sealed against flux
1 Totally sealed
Mechanical
Process
SOLDERING: Protected against flux and is compatible with the
following soldering processes:
• Fluxing of PCB bottom side
• Preheating at 85˚C
• Wave soldering (Tin/Lead 40-60) 250˚C for 2 sec.
• Cooling down to ambient temperature.
• Eventual cleaning by brushing on soldered side. TMS Freon to
be avoided.
Actuation force
Operating life
Operating life
Travel to
Type
N (grams)
(operations)
(operations)
make
axial
radial
KSJ0M211
2.0 (200)
100,000
30,000
0,7 ± 0,25
KSJ0M411
3.0 (300)
100,000
30,000
0,55 ± 0,25
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
50 VDC
50 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
50 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.):
≥ 300 Vrms
CONTACT RESISTANCE:
≤50 mΩ
INSULATION RESISTANCE (100V): > 1011
BOUNCE TIME: < 1 ms


Similar Part No. - KSJ0M410

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSJ0M41180SH CK-COMPONENTS-KSJ0M41180SH Datasheet
405Kb / 2P
   Spherical Actuator Tact Switches
KSJ0M41180SH CK-COMPONENTS-KSJ0M41180SH Datasheet
174Kb / 2P
   Spherical Actuator Tact Switches
26 jul 16
More results

Similar Description - KSJ0M410

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSJ CK-COMPONENTS-KSJ Datasheet
405Kb / 2P
   Spherical Actuator Tact Switches
KSJ CK-COMPONENTS-KSJ_V01 Datasheet
174Kb / 2P
   Spherical Actuator Tact Switches
26 jul 16
KSJ0VD1860SHLFT CK-COMPONENTS-KSJ0VD1860SHLFT Datasheet
184Kb / 2P
   Spherical Actuator Detect Switches
KSJD CK-COMPONENTS-KSJD Datasheet
224Kb / 2P
   Spherical Actuator Detect Switches
29 Jul 21
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
   TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
   TACT SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com