Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1L-2403D-N Datasheet(PDF) 2 Page - AIMTEC

Part # AM1L-2403D-N
Description  0.25 watt dc-dc converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-2403D-N Datasheet(HTML) 2 Page - AIMTEC

  AM1L-2403D-N Datasheet HTML 1Page - AIMTEC AM1L-2403D-N Datasheet HTML 2Page - AIMTEC AM1L-2403D-N Datasheet HTML 3Page - AIMTEC AM1L-2403D-N Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM1/4L-N Series
MODELS
Single Output
@ 1000VDC
@ 3000VDC
Input Voltage Output Voltage
Max. Output Current
3.3V±10%
5V±10%
12V±10%
24V±10%
AM1/4L-0303S-N
AM1/4L-0305S-N
AM1/4L-0309S-N
AM1/4L-0312S-N
AM1/4L-0315S-N
AM1/4L-0324S-N
AM1/4L-0503S-N
AM1/4L-0505S-N
AM1/4L-0509S-N
AM1/4L-0512S-N
AM1/4L-0515S-N
AM1/4L-0524S-N
AM1/4L-1203S-N
AM1/4L-1205S-N
AM1/4L-1209S-N
AM1/4L-1212S-N
AM1/4L-1215S-N
AM1/4L-1224S-N
AM1/4L-2403S-N
AM1/4L-2405S-N
AM1/4L-2409S-N
AM1/4L-2412S-N
AM1/4L-2415S-N
AM1/4L-2424S-N
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
75mA
50mA
27mA
20mA
16mA
10mA
75mA
50mA
27mA
20mA
16mA
10mA
75mA
50mA
27mA
20mA
16mA
10mA
75mA
50mA
27mA
20mA
16mA
10mA
Continued on next page
AM1/4L-0303SH30-N
AM1/4L-0305SH30-N
AM1/4L-0309SH30-N
AM1/4L-0312SH30-N
AM1/4L-0315SH30-N
AM1/4L-0324SH30-N
AM1/4L-0503SH30-N
AM1/4L-0505SH30-N
AM1/4L-0509SH30-N
AM1/4L-0512SH30-N
AM1/4L-0515SH30-N
AM1/4L-0524SH30-N
AM1/4L-1203SH30-N
AM1/4L-1205SH30-N
AM1/4L-1209SH30-N
AM1/4L-1212SH30-N
AM1/4L-1215SH30-N
AM1/4L-1224SH30-N
AM1/4L-2403SH30-N
AM1/4L-2405SH30-N
AM1/4L-2409SH30-N
AM1/4L-2412SH30-N
AM1/4L-2415SH30-N
AM1/4L-2424SH30-N
OUTLINE DIMENSIONS & PIN CONNECTIONS - SINGLE @ 1000VDC
Pin
Single Output
1
-V Input
2
+V Input
3
N.C.
4
-V Output
5
+V Output
6
N.C.
7
N.C.
8
N.C.


Similar Part No. - AM1L-2403D-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-2403D-N ETC-AM1L-2403D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-2403D-N AIMTEC-AM1L-2403D-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-2403D-N AIMTEC-AM1L-2403D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results

Similar Description - AM1L-2403D-N

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TS1-1S0505NH TRUMPOWER-TS1-1S0505NH Datasheet
16Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
TSC-1S053.3NH TRUMPOWER-TSC-1S053.3NH Datasheet
15Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z_13 Datasheet
230Kb / 3P
   0.25 Watt | DC-DC Converter
logo
Make-Ps
PME-S-Z MAKE-PS-PME-S-Z Datasheet
533Kb / 3P
   0.25 Watt | DC-DC Converter
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z Datasheet
224Kb / 3P
   0.25 Watt | DC-DC Converter
AM1_4LS-NZ AIMTEC-AM1_4LS-NZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
logo
Tumbler Technologies + ...
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 4-pin SIP, 0.25 to 1 Watt
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com