Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75F256C Datasheet(PDF) 55 Page - Lattice Semiconductor

Part # LC5512MC-75F256C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75F256C Datasheet(HTML) 55 Page - Lattice Semiconductor

Back Button LC5512MC-75F256C Datasheet HTML 51Page - Lattice Semiconductor LC5512MC-75F256C Datasheet HTML 52Page - Lattice Semiconductor LC5512MC-75F256C Datasheet HTML 53Page - Lattice Semiconductor LC5512MC-75F256C Datasheet HTML 54Page - Lattice Semiconductor LC5512MC-75F256C Datasheet HTML 55Page - Lattice Semiconductor LC5512MC-75F256C Datasheet HTML 56Page - Lattice Semiconductor LC5512MC-75F256C Datasheet HTML 57Page - Lattice Semiconductor LC5512MC-75F256C Datasheet HTML 58Page - Lattice Semiconductor LC5512MC-75F256C Datasheet HTML 59Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
55
Global Clock LVDS pair options: GCLK0 and GCLK1, as well as GCLK2 and GCLK3, can be paired together to
receive differential clocks; where GCLK0 and GCLK3 are the positive LVDS inputs
3
51N
F2
E1
F1
F3
B8
3
51P
F0
E0
F0
F1
C8
0
52N
G30
G31
H31
G31
B7
0
52P
G28
G30
H30
G29
A7
--
GND
-
-
-
NC
0
53N
G26
G29
H29
G27
D7
0
53P
G24
G28
H28
G25
C7
0
54N
G22
G27
H27
G23
B6
--
VCCO0
-
-
-
VCCO0
0
54P
G21
G26
H26
-
E7
-
-
GND (Bank 0)
-
-
-
GND (Bank 0)
0
55N
G20
G25
H25
-
E6
0
55P
G18
G24
H24
G19
A6
0
56N
G16/VREF0
G3
H3
G17
A5
0
56P
G14
G2
H2
G15
A4
0
57N
G12
G23
H23
G13
B5
0
57P
G10
G22
H22
G11
A3
0
58N
G8
G21
H21
G9
B4
0
58P
G6
G20
H20
G7
B3
0
59N
G5
G19
H19
-
C5
0
59P
G4
G18
H18
-
C6
0
60N
G2
G1
H1
G3
D5
0
60P
G0
G0
H0
G1
D6
--
VCCO0
-
-
-
VCCO0
-
-
GND (Bank 0)
-
-
-
GND (Bank 0)
ispXPLD 5256MX Logic Signal Connections (Continued)
sysIO Bank
LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate Input
256 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-75F256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75F256C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com