Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSJ0V431 Datasheet(PDF) 3 Page - ITT Industries

Part # KSJ0V431
Description  Spherical Actuator Tact Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSJ0V431 Datasheet(HTML) 3 Page - ITT Industries

  KSJ0V431 Datasheet HTML 1Page - ITT Industries KSJ0V431 Datasheet HTML 2Page - ITT Industries KSJ0V431 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-52
B
INSERTION
M THRU-HOLE
V VERTICAL
7,62
(.30)
9,0
(.354)
0,5 x 0,3
(.020 x .012)
5,08
(.20)
7,62
(.30)
Ground terminal
(option)
PCB LAYOUT
CONTACT MATERIAL
SEALING
OPTION
CODE
CONTACT MATERIAL
1
Silver contacts
3
Gold contacts
OPTION
CODE
SEALING
0
Sealed against flux
1
Totally sealed
KSJ Series
Spherical Actuator Tact Switches
OPERATING FORCE
OPTION
CODE
OPERATING FORCE
2
2 N (200 grams)
4
3 N (300 grams)
7,85
±0,2
(.309
±.008)
5,08
±0,2
(.20
±.008)
7,8
±0,3
(.307
±.012)
9,5
±0,2
(.374
±.008)
0,5 x 0,3
(.020
±.012)
0,8 x 0,3
(.031 x .012)
0,4
±0,05
(.016
±.002)
2,54
±0,3
(.10
±.012)
6,0
(.236)
5,31 (0.209)
PCB LAYOUT
ø0,9+0,1/-0,0
(.035+.004/-.000)
ø1,2+0,1/-0,0
(.047+.004/-.000)
7,62
(.30)
5,08
(.20)


Similar Part No. - KSJ0V431

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSJ0VD1860SHLFT CK-COMPONENTS-KSJ0VD1860SHLFT Datasheet
184Kb / 2P
   Spherical Actuator Detect Switches
More results

Similar Description - KSJ0V431

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSJ CK-COMPONENTS-KSJ Datasheet
405Kb / 2P
   Spherical Actuator Tact Switches
KSJ CK-COMPONENTS-KSJ_V01 Datasheet
174Kb / 2P
   Spherical Actuator Tact Switches
26 jul 16
KSJ0VD1860SHLFT CK-COMPONENTS-KSJ0VD1860SHLFT Datasheet
184Kb / 2P
   Spherical Actuator Detect Switches
KSJD CK-COMPONENTS-KSJD Datasheet
224Kb / 2P
   Spherical Actuator Detect Switches
29 Jul 21
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
   TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
   TACT SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com