Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP540M Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # SBFP540M
Description  UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP540M Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button SBFP540M Datasheet HTML 3Page - Sanyo Semicon Device SBFP540M Datasheet HTML 4Page - Sanyo Semicon Device SBFP540M Datasheet HTML 5Page - Sanyo Semicon Device SBFP540M Datasheet HTML 6Page - Sanyo Semicon Device SBFP540M Datasheet HTML 7Page - Sanyo Semicon Device SBFP540M Datasheet HTML 8Page - Sanyo Semicon Device SBFP540M Datasheet HTML 9Page - Sanyo Semicon Device SBFP540M Datasheet HTML 10Page - Sanyo Semicon Device SBFP540M Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SBFP540M
No.7494-7/16
S Parameters (Common emitter)
VCE=1V, IC=40mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.419
--92.2
37.063
136.8
0.013
64.9
0.725
--37.5
400
0.444
--123.4
26.701
116.1
0.022
63.0
0.539
--56.3
600
0.398
--142.6
19.635
104.1
0.027
63.1
0.411
--67.6
800
0.388
--150.9
15.453
96.8
0.033
65.0
0.365
--68.5
1000
0.405
--163.9
12.829
91.3
0.039
65.9
0.292
--69.4
1200
0.405
--168.1
10.462
85.8
0.045
63.4
0.271
--78.5
1400
0.403
--174.7
9.240
81.8
0.051
64.6
0.218
--79.3
1600
0.407
--179.8
7.866
78.3
0.057
61.9
0.238
--78.8
1800
0.407
175.2
7.087
74.8
0.065
63.4
0.195
--81.3
2000
0.399
169.8
6.479
72.1
0.070
61.8
0.200
--78.0
2200
0.396
167.2
5.842
68.1
0.075
61.3
0.177
--85.3
2400
0.395
162.9
5.379
65.5
0.082
60.0
0.186
--83.0
2600
0.392
159.2
5.024
62.7
0.089
59.7
0.165
--89.0
2800
0.401
154.4
4.712
60.0
0.094
57.9
0.155
--83.9
3000
0.414
150.3
4.362
56.7
0.100
54.9
0.143
--93.0
3200
0.414
147.1
4.081
54.2
0.109
54.3
0.125
--86.8
3400
0.420
143.8
3.862
51.5
0.112
53.2
0.113
--94.4
3600
0.436
140.3
3.678
48.5
0.119
51.8
0.103
--96.2
3800
0.430
137.8
3.490
46.1
0.125
50.4
0.096
--108.1
4000
0.432
135.3
3.340
43.5
0.127
47.6
0.098
--109.1
4200
0.451
132.5
3.174
40.7
0.136
47.2
0.093
--110.5
4400
0.469
128.9
3.052
37.9
0.141
45.7
0.077
--125.3
4600
0.469
127.0
2.899
35.2
0.146
41.6
0.075
--142.1
4800
0.471
124.1
2.801
32.3
0.149
41.2
0.079
--131.3
5000
0.486
121.5
2.690
30.0
0.156
39.5
0.067
--139.1
5200
0.488
118.8
2.669
27.9
0.159
37.8
0.075
--158.4
5400
0.497
116.1
2.503
25.1
0.164
36.2
0.075
--164.2
5600
0.493
114.2
2.527
23.0
0.167
34.0
0.080
--156.0
5800
0.499
110.9
2.365
19.9
0.174
31.2
0.079
--160.2
6000
0.503
107.6
2.314
17.1
0.175
29.8
0.070
--171.7


Similar Part No. - SBFP540M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP540B SANYO-SBFP540B Datasheet
71Kb / 15P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP540D SANYO-SBFP540D Datasheet
79Kb / 13P
   SBFP540D
More results

Similar Description - SBFP540M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP420B SANYO-SBFP420B Datasheet
54Kb / 15P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP540B SANYO-SBFP540B Datasheet
71Kb / 15P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP420D SANYO-SBFP420D Datasheet
61Kb / 12P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP420M SANYO-SBFP420M Datasheet
46Kb / 2P
   UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
logo
Toshiba Semiconductor
2SC1551 TOSHIBA-2SC1551 Datasheet
269Kb / 5P
   UHF~C Band Low Noise Amplifier Applications
logo
Sanyo Semicon Device
SBFP405B SANYO-SBFP405B Datasheet
22Kb / 2P
   UHF to C Band Low-Noise Amplifier Osc. Applications
logo
Toshiba Semiconductor
2SC3011 TOSHIBA-2SC3011 Datasheet
223Kb / 4P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC3098 TOSHIBA-2SC3098 Datasheet
210Kb / 3P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC6023-TR-E SANYO-2SC6023-TR-E Datasheet
847Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com