Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C752BTPTREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752BTPTREP
Description  3.3-V DUAL UART WITH 64-BYTE FIFO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752BTPTREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL16C752BTPTREP Datasheet HTML 6Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 7Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 8Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 9Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 10Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 11Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 12Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 13Page - Texas Instruments TL16C752BTPTREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
TL16C752B-EP
3.3-V DUAL UART WITH 64-BYTE FIFO
SGLS153 – FEBRUARY 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description (continued)
Table 4. Interrupt Control Functions
IIR[5–0]
PRIORITY
LEVEL
INTERRUPT
TYPE
INTERRUPT SOURCE
INTERRUPT RESET METHOD
000001
None
None
None
None
000110
1
Receiver line
status
OE, FE, PE, or BI errors occur in characters in
the RX FIFO
FE, PE, BI: All erroneous characters are read
from the RX FIFO.
OE: Read LSR
001100
2
RX timeout
Stale data in RX FIFO
Read RHR
000100
2
RHR interrupt
DRDY (data ready)
(FIFO disable)
RX FIFO above trigger level (FIFO enable)
Read RHR
000010
3
THR interrupt
TFE (THR empty)
(FIFO disable)
TX FIFO passes above trigger level (FIFO
enable)
Read IIR OR a write to the THR
000000
4
Modem status
MSR[3:0] = 0
Read MSR
010000
5
Xoff interrupt
Receive Xoff character(s)/special character
Receive Xon character(s)/Read of IIR
100000
6
CTS, RTS
RTS pin or CTS pin change state from active
(low) to inactive (high)
Read IIR
It is important to note that for the framing error, parity error, and break conditions, LSR[7] generates the interrupt.
LSR[7] is set when there is an error anywhere in the RX FIFO and is cleared only when there are no more errors
remaining in the FIFO. LSR[4 – 2] always represent the error status for the received character at the top of the
RX FIFO. Reading the RX FIFO updates LSR[4 – 2] to the appropriate status for the new character at the top
of the FIFO. If the RX FIFO is empty, then LSR[4 – 2] are all zeros.
For the Xoff interrupt, if an Xoff flow character detection caused the interrupt, the interrupt is cleared by an Xon
flow character detection. If a special character detection caused the interrupt, the interrupt is cleared by a read
of the LSR.
interrupt mode operation
In interrupt mode (if any bit of IER[3:0] is 1) the processor is informed of the status of the receiver and transmitter
by an interrupt signal, INT. Therefore, it is not necessary to continuously poll the line stats register (LSR) to see
if any interrupt needs to be serviced. Figure 5 shows interrupt mode operation.
1
1
1
1
IER
IIR
THR
RHR
IOW/IOR
INT
Processor
Figure 5. Interrupt Mode Operation


Similar Part No. - TL16C752BTPTREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B-EP TI1-TL16C752B-EP Datasheet
589Kb / 40P
[Old version datasheet]   3.3 V DUAL UART WITH 64-BYTE FIFO
TL16C752BLPTREP TI1-TL16C752BLPTREP Datasheet
589Kb / 40P
[Old version datasheet]   3.3 V DUAL UART WITH 64-BYTE FIFO
TL16C752BPT TI-TL16C752BPT Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752BPTG4 TI-TL16C752BPTG4 Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C752BTPTREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752BLPTREP TI1-TL16C752BLPTREP Datasheet
589Kb / 40P
[Old version datasheet]   3.3 V DUAL UART WITH 64-BYTE FIFO
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com