Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CTF-V06M-Q24R Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2CTF-V06M-Q24R
Description  Thin Film on Silicon 2CTF AC Terminator x18
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2CTF-V06M-Q24R Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2CTF-V06M-Q24R Datasheet HTML 1Page - Bourns Electronic Solutions 2CTF-V06M-Q24R Datasheet HTML 2Page - Bourns Electronic Solutions 2CTF-V06M-Q24R Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2CTF AC Terminator x18
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
No. of Pieces No. of Pieces
Package
A0
B0
K0
Width
Pitch
per 13 ” reel
per tube
QSOP
24 Pin
6.5 (0.256)
9.0 (0.354)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
56
COPYRIGHT© 2003, BOURNS, INC. LITHO IN U.S.A. REV. 5/03 e/IPA0301
05/03
A0
B0
K0
DIMENSIONS = MM (INCHES)
How To Order
2 CTF-V02 M-Q 24 R
Product Class
Thin-Film-on-Silicon
Product Function
CTF = AC Terminator
Value Code
(Refer to Standard RC Value Table)
Standard Grade
R Tol.
C Tol.
M = ±10 % ±20 %
Standard Package Style
Q = QSOP
Pin Count
Q = 24
Dispensing
R = Reel
T = Tube
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
North America:
Tel: +1-909 781-5500 • Fax: +1-909 781-5700
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
(after 7/17/04)
www.bourns.com
Reliable Electronic Solutions


Similar Part No. - 2CTF-V06M-Q24R

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2CTF-R ADAM-TECH-2CTF-R Datasheet
66Kb / 1P
   CRIMP CONTACT
More results

Similar Description - 2CTF-V06M-Q24R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2CTA BOURNS-2CTA Datasheet
238Kb / 3P
   Thin Film on Silicon 2CTA AC Terminator x 18
2CTA BOURNS-2CTA_07 Datasheet
239Kb / 3P
   Thin Film on Silicon 2CTA AC Terminator x 18
2CTE-V01M-Q20R BOURNS-2CTE-V01M-Q20R Datasheet
243Kb / 3P
   Thin Film on Silicon 2CTE IEEE 1284 Terminator
2QSP20-TJ3-221331LF BOURNS-2QSP20-TJ3-221331LF Datasheet
355Kb / 4P
   Thin Film on Silicon 2QSP / 2NBS-XX3 Dual Terminator
2DTG BOURNS-2DTG Datasheet
439Kb / 3P
   Thin Film On Silicon 2DTG Super Terminator/Filter with Integrated ESD Array
2DTF BOURNS-2DTF Datasheet
262Kb / 3P
   Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
logo
California Micro Device...
PRN103 CALMIRCO-PRN103 Datasheet
79Kb / 3P
   THIN FILM DIFFERENTIAL TERMINATOR RESISTOR NETWORK
logo
Bourns Electronic Solut...
2CFB BOURNS-2CFB Datasheet
239Kb / 3P
   Thin Film on Silicon 2CFB T-Filter
2CFA BOURNS-2CFA Datasheet
235Kb / 3P
   Thin Film on Silicon 2CFA Tapped RC Filter
2QSP16-TJ1-472LF BOURNS-2QSP16-TJ1-472LF Datasheet
347Kb / 4P
   Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com