Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4TW-2412D Datasheet(PDF) 1 Page - AIMTEC

Part # AM4TW-2412D
Description  4 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4TW-2412D Datasheet(HTML) 1 Page - AIMTEC

  AM4TW-2412D Datasheet HTML 1Page - AIMTEC AM4TW-2412D Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
56
TO ORDER CALL 1-888-9-AIMTEC
AM4TW Series
4 watt dc-dc converters
24-PIN DIP PACKAGE
LOW PROFILE METAL PACKAGE
HIGH EFFICIENCY UP TO 80%
WIDE 4:1 INPUT RANGE
INPUT/OUTPUT ISOLATION: 1500 & 3500VDC
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
CONTINUOUS SHORT CIRCUIT PROTECTION
GENERAL DESCRIPTION
Our AM4TW series is a family of cost effective 4W single and dual
output DC-DC converters. These converters combine a nickel-
coated copper package in a 24-pin DIP compatible case with high
performance features such as 1500 & 3500VDC input/output isola-
tion voltage, continuous short circuit protection with automatic
restart and tight line / load regulation. Wide range devices operate
over 4:1 input voltage range providing stable output voltage.
Devices are encapsulated using flame retardant resin. Input
voltages of 24 & 48VDC with output voltages of 3.3, 5, 7.2, 9, 12,
15, 18, 24, ±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18 & ±24VDC. High
performance features include high efficiency operation up to 80%
and output voltage accuracy of ±1% maximum. All models are
packaged in a low profile 31.75x20.32x10.16mm 24 pin DIP
nickel-coated copper case. Operation is specified over the full
operating temperature range of -40°C to +85°C with no derating
required. Cooling is by free-air convection.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified
General Specifications:
Efficiency
75% to 80%
Switching Frequency
250 KHz, typ. 100%load
Input Specifications:
Voltage range
24 VDC, 9~36 VDC
48 VDC, 18~72 VDC
Filter
p
(Pi) Network
Physical Specifications:
Dimensions
31.75x20.32x10.16 mm
1.25x0.8x0.4 inches
Weight
26 g
Case material
Nickel-Coated Copper
Output Specifications:
Voltage accuracy
±1%, max.
Voltage balance (Dual Output) ±1%
Ripple & noise (at 20MHz BW)
60mVp-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature Coefficient
±0.02%/°C, typ.
MTBF: >1,211,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage
1500 & 3500 VDC
Resistance
> 1000 MOhm
Capacitance
80pF, typ.
Environmental Specifications:
Operating temperature (ambient) -40°C to +85°C
Storage temperature
-55°C to +125°C
Case temperature
+100°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
OUTLINE DIMENSIONS
& PIN CONNECTIONS
Pin
1500VDC
Single
Dual
+V Input
N.C.
N.C.
Omitted
-V Output
+V Output
-V Input
+V Output
-V Output
Omitted
N.C.
N.C.
+V Input
+V Input
-V Output
Common
Omitted
Common
+V Output
-V Input
+V Output
Common
Omitted
Common
-V Output
+V Input
Omitted
-V Input
-V Input
N.C.
Omitted
N.C.
Omitted
+V Output
Omitted
-V Output
+V Input
+V Input
Omitted
Omitted
-V Input
-V Input
Common
Omitted
-V Output
Omitted
+V Output
Omitted
Common
+V Input
+V Input
Omitted
1
2
3
9
10
11
12/13
14
15
16
22
23
24
3500VDC
Single
Dual


Similar Part No. - AM4TW-2412D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW-2412D-RVZ AIMTEC-AM4TW-2412D-RVZ Datasheet
407Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-2412D-RVZ AIMTEC-AM4TW-2412D-RVZ Datasheet
745Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-2412D-RZ AIMTEC-AM4TW-2412D-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-2412D-RZ AIMTEC-AM4TW-2412D-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-2412D-VZ AIMTEC-AM4TW-2412D-VZ Datasheet
419Kb / 3P
   4 Watt | DC-DC Converter
More results

Similar Description - AM4TW-2412D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IMX4 BEL-IMX4 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
AIMTEC
AM4T AIMTEC-AM4T Datasheet
277Kb / 3P
   4 watt dc-dc converters
logo
Power-One
IMX4 POWER-ONE-IMX4 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
logo
TRACO Electronic AG
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
   DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com