Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3T-2407DH35 Datasheet(PDF) 2 Page - AIMTEC

Part # AM3T-2407DH35
Description  3 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-2407DH35 Datasheet(HTML) 2 Page - AIMTEC

  AM3T-2407DH35 Datasheet HTML 1Page - AIMTEC AM3T-2407DH35 Datasheet HTML 2Page - AIMTEC AM3T-2407DH35 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
49
VISIT US AT WWW.AIMTEC.CA
MODELS
Single output
Models
Isolation 1500VDC
Isolation 3500VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM3T-1203S
AM3T-1205S
AM3T-1207S
AM3T-1209S
AM3T-1212S
AM3T-1215S
AM3T-1218S
AM3T-1224S
AM3T-2403S
AM3T-2405S
AM3T-2407S
AM3T-2409S
AM3T-2412S
AM3T-2415S
AM3T-2418S
AM3T-2424S
AM3T-4803S
AM3T-4805S
AM3T-4807S
AM3T-4809S
AM3T-4812S
AM3T-4815S
AM3T-4818S
AM3T-4824S
AM3T-1203SH35
AM3T-1205SH35
AM3T-1207SH35
AM3T-1209SH35
AM3T-1212SH35
AM3T-1215SH35
AM3T-1218SH35
AM3T-1224SH35
AM3T-2403SH35
AM3T-2405SH35
AM3T-2407SH35
AM3T-2409SH35
AM3T-2412SH35
AM3T-2415SH35
AM3T-2418SH35
AM3T-2424SH35
AM3T-4803SH35
AM3T-4805SH35
AM3T-4807SH35
AM3T-4809SH35
AM3T-4812SH35
AM3T-4815SH35
AM3T-4818SH35
AM3T-4824SH35
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
9VDC - 18VDC
18VDC - 36VDC
36VDC - 72VDC
800mA
600mA
417mA
333mA
250mA
200mA
167mA
125mA
800mA
600mA
417mA
333mA
250mA
200mA
167mA
125mA
800mA
600mA
417mA
333mA
250mA
200mA
167mA
125mA
AM3T Series
OUTLINE DIMENSIONS
& PIN CONNECTIONS
Pin
1500VDC
Single
Dual
+V Input
N.C
N.C
Omitted
-V Output
+V Output
-V Input
+V Output
-V Output
Omitted
N.C
N.C
+V Input
+V Input
-V Output
Common
Omitted
Common
+V Output
-V Input
+V Output
Common
Omitted
Common
-V Output
+V Input
Omitted
-V Input
-V Input
N.C
Omitted
N.C
Omitted
+V Output
Omitted
-V Output
+V Input
+V Input
Omitted
Omitted
-V Input
-V Input
Common
Omitted
-V Output
Omitted
+V Output
Omitted
Common
+V Input
+V Input
Omitted
1
2
3
9
10
11
12/13
14
15
16
22
23
24
3500VDC
Single
Dual
Continued on next page


Similar Part No. - AM3T-2407DH35

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3T-2407DH35-VZ AIMTEC-AM3T-2407DH35-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3T-2407DH35-VZ AIMTEC-AM3T-2407DH35-VZ Datasheet
265Kb / 7P
   3 Watt | DC-DC Converter
AM3T-2407DH35Z AIMTEC-AM3T-2407DH35Z Datasheet
308Kb / 4P
   3 Watt | DC-DC Converter
AM3T-2407DH35Z AIMTEC-AM3T-2407DH35Z Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3T-2407DH35

ManufacturerPart #DatasheetDescription
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
   3 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
EC3AE CINCON-EC3AE Datasheet
176Kb / 2P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
   3 watt dc-dc converters
AM3F AIMTEC-AM3F Datasheet
234Kb / 2P
   3 watt dc-dc converters
logo
List of Unclassifed Man...
UM1001 ETC2-UM1001 Datasheet
286Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM3N-D AIMTEC-AM3N-D Datasheet
215Kb / 2P
   3 watt dc-dc converters
AM3T-N AIMTEC-AM3T-N Datasheet
282Kb / 3P
   3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
   3 WATT REGULATED DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com