Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4T-4809D Datasheet(PDF) 2 Page - AIMTEC

Part # AM4T-4809D
Description  4 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4T-4809D Datasheet(HTML) 2 Page - AIMTEC

  AM4T-4809D Datasheet HTML 1Page - AIMTEC AM4T-4809D Datasheet HTML 2Page - AIMTEC AM4T-4809D Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
54
TO ORDER CALL 1-888-9-AIMTEC
MODELS
Single output
Models
Isolation 1500VDC
Isolation 3500VDC
Input Voltage
Ouput Voltage
Ouput Current max.
AM4T-1203S
AM4T-1205S
AM4T-1207S
AM4T-1209S
AM4T-1212S
AM4T-1215S
AM4T-1218S
AM4T-1224S
AM4T-2403S
AM4T-2405S
AM4T-2407S
AM4T-2409S
AM4T-2412S
AM4T-2415S
AM4T-2418S
AM4T-2424S
AM4T-4803S
AM4T-4805S
AM4T-4807S
AM4T-4809S
AM4T-4812S
AM4T-4815S
AM4T-4818S
AM4T-4824S
AM4T-1203SH35
AM4T-1205SH35
AM4T-1207SH35
AM4T-1209SH35
AM4T-1212SH35
AM4T-1215SH35
AM4T-1218SH35
AM4T-1224SH35
AM4T-2403SH35
AM4T-2405SH35
AM4T-2407SH35
AM4T-2409SH35
AM4T-2412SH35
AM4T-2415SH35
AM4T-2418SH35
AM4T-2424SH35
AM4T-4803SH35
AM4T-4805SH35
AM4T-4807SH35
AM4T-4809SH35
AM4T-4812SH35
AM4T-4815SH35
AM4T-4818SH35
AM4T-4824SH35
9VDC - 18VDC
18VDC - 36VDC
36VDC - 72VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
1000mA
800mA
556mA
444mA
333mA
267mA
222mA
167mA
1000mA
800mA
556mA
444mA
333mA
267mA
222mA
167mA
1000mA
800mA
556mA
444mA
333mA
267mA
222mA
167mA
AM4T Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin
Single
-V Input
-V Input
N.C
N.C
+V Output
-V Output
+V Input
+V Input
-V Input
-V Input
Common
-V Output
+V Output
Common
+V Input
+V Input
2
3
9
11
14
16
22
23
Dual
1500 & 3500VDC


Similar Part No. - AM4T-4809D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4T-4809D-VZ AIMTEC-AM4T-4809D-VZ Datasheet
453Kb / 4P
   4 Watt | DC-DC Converter
AM4T-4809D-VZ AIMTEC-AM4T-4809D-VZ Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4T-4809DH35-VZ AIMTEC-AM4T-4809DH35-VZ Datasheet
453Kb / 4P
   4 Watt | DC-DC Converter
AM4T-4809DH35-VZ AIMTEC-AM4T-4809DH35-VZ Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4T-4809DH35Z AIMTEC-AM4T-4809DH35Z Datasheet
579Kb / 5P
   4 Watt | DC-DC Converter
More results

Similar Description - AM4T-4809D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW AIMTEC-AM4TW Datasheet
249Kb / 2P
   4 watt dc-dc converters
logo
Bel Fuse Inc.
IMX4 BEL-IMX4 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
Power-One
IMX4 POWER-ONE-IMX4 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
logo
TRACO Electronic AG
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
   DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
   20 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com