Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2QSP20-TG3-221331LF Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 2QSP20-TG3-221331LF
Description  Thin Film on Silicon 2QSP / 2NBS-XX3 Dual Terminator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2QSP20-TG3-221331LF Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  2QSP20-TG3-221331LF Datasheet HTML 1Page - Bourns Electronic Solutions 2QSP20-TG3-221331LF Datasheet HTML 2Page - Bourns Electronic Solutions 2QSP20-TG3-221331LF Datasheet HTML 3Page - Bourns Electronic Solutions 2QSP20-TG3-221331LF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2QSP / 2NBS -XX3 Dual Terminator
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
No. of Pieces No. of Pieces
Package
A0
B0
K0
Width
Pitch
per 13 ” reel
per tube
QSOP
16 Pin
6.4 (0.252)
5.2 (0.205)
2.1 (0.083)
12 (0.472)
8 (0.315)
3,500
98
20, 24 Pin
6.5 (0.256)
9.0 (0.354)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
56
28 Pin
6.5 (0.256)
10.3 (0.406)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
49
NBSOIC
8 Pin
6.4 (0.252)
9.0 (0.354)
2.1 (0.083)
12 (0.472)
8 (0.315)
3,500
98
14 Pin
6.5 (0.256)
9.0 (0.354)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
56
16 Pin
6.5 (0.256)
9.0 (0.354)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
49
How To Order
2 QSP 20 - T J 3 - 221331 __
Product Class
Thin-Film-on-Silicon
Standard Package Style
QSP = QSOP
NBS = Narrow-Body SOIC
Pin Count
QSP =
16, 20, 24, 28
NBS =
8, 14, 16
Dispensing
R = Reel
T = Tube
Standard Grade
Tolerance
J =
±5 %
G =
±2 %
F =
±1 %
Circuit
3 =
Dual Terminator
Resistance Value Code
1st three digits specify R1 resistance code.
Last three digits specify R2 resistance code.
Terminations
• LF = 100 % Sn (lead free)
• Blank = Sn/Pb
04/05
A0
B0
K0
DIMENSIONS = MM (INCHES)
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Reliable Electronic Solutions


Similar Part No. - 2QSP20-TG3-221331LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2QSP20-TG1-472LF BOURNS-2QSP20-TG1-472LF Datasheet
347Kb / 4P
   Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
More results

Similar Description - 2QSP20-TG3-221331LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2QSP16-TJ1-472LF BOURNS-2QSP16-TJ1-472LF Datasheet
347Kb / 4P
   Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
2QSP16-TJ2-332LF BOURNS-2QSP16-TJ2-332LF Datasheet
348Kb / 4P
   Thin Film on Silicon 2QSP / 2NBS-XX2 Bussed Resistors
2CTF BOURNS-2CTF Datasheet
126Kb / 3P
   Thin Film on Silicon 2CTF AC Terminator x18
2CTE-V01M-Q20R BOURNS-2CTE-V01M-Q20R Datasheet
243Kb / 3P
   Thin Film on Silicon 2CTE IEEE 1284 Terminator
2CTA BOURNS-2CTA Datasheet
238Kb / 3P
   Thin Film on Silicon 2CTA AC Terminator x 18
2CTA BOURNS-2CTA_07 Datasheet
239Kb / 3P
   Thin Film on Silicon 2CTA AC Terminator x 18
2DTG BOURNS-2DTG Datasheet
439Kb / 3P
   Thin Film On Silicon 2DTG Super Terminator/Filter with Integrated ESD Array
2DTF BOURNS-2DTF Datasheet
262Kb / 3P
   Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
logo
California Micro Device...
PRN103 CALMIRCO-PRN103 Datasheet
79Kb / 3P
   THIN FILM DIFFERENTIAL TERMINATOR RESISTOR NETWORK
logo
Bourns Electronic Solut...
2CFB BOURNS-2CFB Datasheet
239Kb / 3P
   Thin Film on Silicon 2CFB T-Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com