Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX10A-3-5SA Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # SX10A-3-5SA
Description  SIP Non-Isolated Power Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SX10A-3-5SA Datasheet(HTML) 6 Page - Bourns Electronic Solutions

Back Button SX10A-3-5SA Datasheet HTML 2Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 3Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 4Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 5Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 6Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 7Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 8Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 9Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 10Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Specifications are subject to change without notice.
Customers should verify device performance in their specific applications.
6
SX(T)10A-3-5SA SIP Non-Isolated Power Module
Characteristic Curves (Continued)
?
Fig. 14 Typical Start-up using Remote On/Off
(V
= 5 V , V = 3.3 V , I = 10 A)
in
dc
dc
oo
Output Voltage: 500 mVolt 1 ms
On/Off Voltage: 2 Volt 1 ms
Output Voltage:
500 mVolt 1 ms
On/Off Voltage:
2 Volt 1 ms
Time (1 ms/div)
Fig. 13 Transient Response - 10 A - 5 A Step
(V = 3.3 V
, C
= 3x100
µF Polymer Capacitors)
o
dc
ext
Output Voltage: 100 mVolt 10
µs
Output Current (3.1 A/Div): 2 Volt 10
µs
Time (10
µs/div)
Fig. 15 Typical Start-up using Remote On/Off
with Low-ESR External Capacitors (100x100
µF Polymer)
(V
= 5.0 V
, V = 3.3 V
, I = 10.0 A, C = 1000
µF)
in
dc
dc
oo
o
Time (1 ms/div)
Output Voltage:
500 mVolt 1 ms
Input Voltage:
2 Volt 1 ms
Fig. 16 Typical Start-up with Application of V
(V
= 5 V
, V = 3.3 V
, I = 10 A)
in
in
dc
dc
oo
Time (1 ms/div)
Output Current (4 A/div): 20 mVolt 5 ms
Fig. 18 Output Short Circuit Current
(V
= 5.0 V
, V = 0.75 V
)
in
dc
dc
o
Time (5 ms/div)
Output Current:
500 mVolt 1 ms
On/Off Voltage:
2 Volt 1 ms
Fig. 17 Typical Start-up using Remote On/Off with Prebias
(V
= 5 V
, V = 3.3 V
, I = 1 A, V
= 1 V
)
in
dc
dc
dc
bias
oo
Time (1 ms/div)


Similar Part No. - SX10A-3-5SA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX10 SEMTECH-SX10 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
SX100 SEMTECH-SX100 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
logo
Sensortechnics GmbH
SX100A SENSORTECHNICS-SX100A Datasheet
253Kb / 10P
   Pressure sensors
logo
Honeywell Accelerometer...
SX100A HONEYWELL-ACC-SX100A Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
logo
Sensortechnics GmbH
SX100AD2 SENSORTECHNICS-SX100AD2 Datasheet
253Kb / 10P
   Pressure sensors
More results

Similar Description - SX10A-3-5SA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SXT6A-12SA BOURNS-SXT6A-12SA Datasheet
939Kb / 13P
   SIP Non-Isolated Power Module
SX16A-12SA BOURNS-SX16A-12SA Datasheet
280Kb / 3P
   SIP Non-Isolated Power Module
SXT16A-3-5SA BOURNS-SXT16A-3-5SA Datasheet
1Mb / 13P
   SIP Non-Isolated Power Module
SXT6A-3-5SA BOURNS-SXT6A-3-5SA Datasheet
239Kb / 2P
   SIP Non-Isolated Power Module
logo
Lineage Power Corporati...
NXA025A0X LINEAGEPOWER-NXA025A0X Datasheet
953Kb / 16P
   NaOSTM NXA025 SIP Non-isolated Power Modules
logo
Recom International Pow...
ROF-78E3.3-0.5SMD RECOM-ROF-78E3.3-0.5SMD Datasheet
115Kb / 4P
   Non Isolated Power Module
ROF-78E3.3-0.5SMD-R RECOM-ROF-78E3.3-0.5SMD-R Datasheet
103Kb / 4P
   Non Isolated Power Module
logo
Bourns Electronic Solut...
MXT6A-12SA BOURNS-MXT6A-12SA Datasheet
288Kb / 2P
   Non-Isolated Power Module
logo
Tyco Electronics
AXH005A0X MACOM-AXH005A0X Datasheet
207Kb / 2P
   Austin MicroLynx Non-Isolated SIP series
logo
Power-One
TL2105PIS POWER-ONE-TL2105PIS Datasheet
411Kb / 2P
   SIP/SIE 500 NON-ISOLATED SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com