Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4A270H3BJ Datasheet(PDF) 11 Page - Bourns Electronic Solutions

Part # TISP4A270H3BJ
Description  LCAS R LINE Protector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4A270H3BJ Datasheet(HTML) 11 Page - Bourns Electronic Solutions

Back Button TISP4A270H3BJ Datasheet HTML 3Page - Bourns Electronic Solutions TISP4A270H3BJ Datasheet HTML 4Page - Bourns Electronic Solutions TISP4A270H3BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP4A270H3BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP4A270H3BJ Datasheet HTML 7Page - Bourns Electronic Solutions TISP4A270H3BJ Datasheet HTML 8Page - Bourns Electronic Solutions TISP4A270H3BJ Datasheet HTML 9Page - Bourns Electronic Solutions TISP4A270H3BJ Datasheet HTML 10Page - Bourns Electronic Solutions TISP4A270H3BJ Datasheet HTML 11Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
APRIL 2002 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MECHANICAL DATA
TISP4A270H3BJ LCAS RLINE Protector
Tape Dimensions
ø
ø
NOTES: A. The clearance between the component and the cavity must be within 0.05 mm (.002 in) MIN. to 0.65 mm (.026 in)
MAX. so that the component cannot rotate more than 20 ° within the determined cavity.
B. Taped devices are supplied on a reel of the following dimensions:-
Reel diameter:
330 mm ± 3.0 mm (12.99 in ± .118 in)
Reel hub diameter 75 mm (2.95 in) MIN.
Reel axial hole:
13.0 mm ± 0.5 mm (.512 in ± .020 in)
C. 3 000 devices are on a reel.
MDXXBHF
SMB02 Package Single-Sprocket Tape
e
3. 90 - 4.10
(.154 - .161 )
1. 95 - 2.05
(.07 7 - .081)
1. 55 - 1.65
(.061 - .065 )
MIN .
1. 50
(.05 9)
1. 65 - 1.85
(.065 - .073 )
MAX .
0. 40
(.01 6)
MAX .
8. 20
(.32 3)
11.70 - 12.30
(.461 - .484 )
5. 45 - 5.55
(.215 - .219 )
0 MIN .
7. 90 - 8.10
(.311 - .319 )
Direction of Feed
Carrier Tape
Embossment
Cover
Tape
MAX .
4. 50
(.17 7)
20 °
Typical component
Index
Mark
Typical component
cavity center line
Maximum component
rotation
center line
DIMENSIONS ARE:
MILLIMETERS
(INCHES)
“TISP” is a trademark of Bourns, Ltd., a Bourns Company, and is Registered in U.S. Patent and Trademark Office.
“Bourns” is a registered trademark of Bourns, Inc. in the U.S. and other countries.


Similar Part No. - TISP4A270H3BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4A270H3BJ BOURNS-TISP4A270H3BJ Datasheet
369Kb / 9P
   ASYMMETRICAL-BIDIRECTIONAL THYRISTOR SPD
TISP4A270H3BJR-S BOURNS-TISP4A270H3BJR-S Datasheet
369Kb / 9P
   ASYMMETRICAL-BIDIRECTIONAL THYRISTOR SPD
TISP4A270H3BJ BOURNS-TISP4A270H3BJ_07 Datasheet
369Kb / 9P
   ASYMMETRICAL-BIDIRECTIONAL THYRISTOR SPD
More results

Similar Description - TISP4A270H3BJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-P15-A STMICROELECTRONICS-GS-P15-A Datasheet
47Kb / 3P
   BIDIRECTIONALDATA LINE PROTECTOR
logo
Altech corporation
1CU05R ALTECH-1CU05R Datasheet
128Kb / 2P
   R-Series - UL1077 Supplementary Protector
2DU05R ALTECH-2DU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3BU05R ALTECH-3BU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3CU05R ALTECH-3CU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
2BU05R ALTECH-2BU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
2CU05R ALTECH-2CU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
3DU05R ALTECH-3DU05R Datasheet
143Kb / 2P
   R-Series - UL1077 Supplementary Protector
logo
Protek Devices
422B PROTEC-422B Datasheet
439Kb / 5P
   DATA PROCESS LINE PROTECTOR
422B PROTEC-422B_12 Datasheet
440Kb / 5P
   DATA PROCESS LINE PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com