Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4125M3BJ Datasheet(PDF) 10 Page - Bourns Electronic Solutions

Part # TISP4125M3BJ
Description  LCAS RING AND TIP PROTECTION PAIRS BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4125M3BJ Datasheet(HTML) 10 Page - Bourns Electronic Solutions

Back Button TISP4125M3BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP4125M3BJ Datasheet HTML 7Page - Bourns Electronic Solutions TISP4125M3BJ Datasheet HTML 8Page - Bourns Electronic Solutions TISP4125M3BJ Datasheet HTML 9Page - Bourns Electronic Solutions TISP4125M3BJ Datasheet HTML 10Page - Bourns Electronic Solutions TISP4125M3BJ Datasheet HTML 11Page - Bourns Electronic Solutions TISP4125M3BJ Datasheet HTML 12Page - Bourns Electronic Solutions TISP4125M3BJ Datasheet HTML 13Page - Bourns Electronic Solutions TISP4125M3BJ Datasheet HTML 14Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
JUNE 2001 – REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxH3/M3BJ Series for LCAS Protection
APPLICATIONS INFORMATION
Introduction
These protector pairs have been designed to limit the peak voltages on the line terminals of ‘7581/7582/7583 LCAS (Line Card Access Switch)
parts. An LCAS may also be referred to as a Solid-State Relay, SSR, i.e. a replacement of the conventional electro-mechanical relay.
The ‘7581 LCAS has two solid-state switches which connect the telephone line to the line card SLIC (Subscriber Line Interface Circuit), Figure
12, SW1 and SW2. A further two solid-state switches connect the telephone ringing generator to the line, Figure 12, SW3 and SW4. Applied
5-volt logic signals control the condition of the switches to perform the functions of line disconnect, connection to the SLIC and application of
ringing. If excessive long-term overdissipation occurs, a thermal sensor activates thermal shutdown and opens the switches. The SLIC side of
switches SW1 and SW2 is limited in voltage by internal protectors Th3 and Th4. The line-side of the LCAS is voltage limited by the two TISP®
parts.
Figure 12. Basic LCAS Arrangement
RING
RELAY
SLIC
RELAY
RING
GENERATOR
SW5b
SW5a
R1
R2
V
BAT
V
RING
Th1
Th2
Th3
Th4
SLIC
V
bat
TISP4125M3
OR
TISP4125H3
RING
TIP
SW3
SW4
SW1
SW2
LCAS
TISP4219M3
OR
TISP4219H3
AI4XAQ
Additional functions are provided by the ‘7582 (line test access) and the ‘7583 (test-in and test-out access). Up to three conventional electro-
mechanical relays may be replaced by the LCAS. The resulting size reduction can double the line density of a line card.
This document covers the types of overvoltage protection required by the ’7581 LCAS and how the TISP® part voltages are selected to
provide these requirements. The LCAS ’7582 and ’7583 are also covered as the additional switches used in these parts are similar to the
’7581.


Similar Part No. - TISP4125M3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4125M3BJ POINN-TISP4125M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4125M3BJ BOURNS-TISP4125M3BJ Datasheet
392Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4125M3BJ BOURNS-TISP4125M3BJ Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4125M3BJ-S BOURNS-TISP4125M3BJ-S Datasheet
392Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4125M3BJR BOURNS-TISP4125M3BJR Datasheet
392Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4125M3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com