Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP3290H3 Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # TISP3290H3
Description  Overvoltage Protector Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP3290H3 Datasheet(HTML) 7 Page - Bourns Electronic Solutions

Back Button TISP3290H3 Datasheet HTML 3Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 4Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 5Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 6Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 7Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 8Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 9Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 10Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 11Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
JANUARY 1999 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Typical Characteristics
TISP3xxxH3SL Overvoltage Protector Series
.
Figure 2.
Figure 3.
Figure 4.
Figure 5.
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0·001
0·01
0·1
1
10
100
TCHAG
V
D = ±50 V
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.95
1.00
1.05
1.10
TC4HAF
V
T - On-State Voltage - V
0.7
1.5
2
3
4
5
7
110
1.5
2
3
4
5
7
15
20
30
40
50
70
150
200
1
10
100
T
A = 25 °C
t
W = 100 µs
'3250
THRU
'3350
'3125
THRU
'3210
'3070
THRU
'3115
TC7AJ
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.4
0.5
0.6
0.7
0.8
0.9
1.5
2.0
1.0
TC4HAD
OFF-STATE CURRENT
vs
JUNCTION TEMPERATURE
ON-STATE CURRENT
vs
ON-STATE VOLTAGE
NORMALIZED BREAKOVER VOLTAGE
vs
JUNCTION TEMPERATURE
NORMALIZED HOLDING CURENT
vs
JUNCTION TEMPERATURE


Similar Part No. - TISP3290H3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3290H3 BOURNS-TISP3290H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP3290H3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP3XXXT3BJ BOURNS-TISP3XXXT3BJ Datasheet
363Kb / 11P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP4350H3LMR BOURNS-TISP4350H3LMR Datasheet
518Kb / 13P
   TISP4xxxH3LM Overvoltage Protector Series
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP4350H3BJR BOURNS-TISP4350H3BJR Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com