Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4115H3 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TISP4115H3
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4115H3 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TISP4115H3 Datasheet HTML 1Page - Bourns Electronic Solutions TISP4115H3 Datasheet HTML 2Page - Bourns Electronic Solutions TISP4115H3 Datasheet HTML 3Page - Bourns Electronic Solutions TISP4115H3 Datasheet HTML 4Page - Bourns Electronic Solutions TISP4115H3 Datasheet HTML 5Page - Bourns Electronic Solutions TISP4115H3 Datasheet HTML 6Page - Bourns Electronic Solutions TISP4115H3 Datasheet HTML 7Page - Bourns Electronic Solutions TISP4115H3 Datasheet HTML 8Page - Bourns Electronic Solutions TISP4115H3 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
NOVEMBER 1997 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Parameter
ITSP
A
ITSM
A
di/dt
A/µs
Waveshape
2/10
1.2/50, 8/20
10/160
5/320
10/560
10/1000
1 cycle 60 Hz
2/10 Wavefront
Value
500
300
250
200
160
100
60
400
TISP4xxxH3BJ Overvoltage Protector Series
TISP4070H3BJ THRU TISP4115H3BJ,
TISP4125H3BJ THRU TISP4220H3BJ,
TISP4240H3BJ THRU TISP4400H3BJ
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Summary Current Ratings
Summary Electrical Characteristics
Part #
VDRM
V
V(BO)
V
VT @ IT
V
IDRM
µA
I(BO)
mA
IT
A
IH
mA
Co @ -2 V
pF
Functionally
Replaces
TISP4070H3
58
70
3
5
600
5
150
120
P0640SC
TISP4080H3
65
80
3
5
600
5
150
120
P0720SC
TISP4095H3
75
95
3
5
600
5
150
120
P0900SC
TISP4115H3
90
115
3
5
600
5
150
120
P1100SC
TISP4125H3
100
125
3
5
600
5
150
65
TISP4145H3
120
145
3
5
600
5
150
65
P1300SC
TISP4165H3
135
165
3
5
600
5
150
65
TISP4180H3
145
180
3
5
600
5
150
65
P1500SC
TISP4200H3
155
200
3
5
600
5
150
65
TISP4220H3
160
220
3
5
600
5
150
65
P1800SC
TISP4240H3
180
240
3
5
600
5
150
55
TISP4250H3
190
250
3
5
600
5
150
55
P2300SC
TISP4265H3
200
265
3
5
600
5
150
55
TISP4290H3
220
290
3
5
600
5
150
55
P2600SC
TISP4300H3
230
300
3
5
600
5
150
55
TISP4350H3
275
350
3
5
600
5
150
55
P3100SC
TISP4395H3
320
395
3
5
600
5
150
55
P3500SC
TISP4400H3
300
400
3
5
600
5
150
55
B ourns part has an improved protection voltage
This TISP® device series protects central office, access and customer premise equipment against overvoltages on the telecom line. The
TISP4xxxH3BJ is available in a wide range of voltages and has a high current capability, allowing minimal series resistance to be used. These
protectors have been specified mindful of the following standards and recommendations: GR-1089-CORE, FCC Part 68, UL1950, EN 60950,
IEC 60950, ITU-T K.20, K.21 and K.45. The TISP4350H3BJ meets the FCC Part 68 “B” ringer voltage requirement and survives the Type A and
B impulse tests. These devices are housed in a surface mount SMB (DO-214AA) package.
TISP4xxxH3BJ Overview
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex


Similar Part No. - TISP4115H3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4115H3 BOURNS-TISP4115H3 Datasheet
444Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4115H3 BOURNS-TISP4115H3 Datasheet
392Kb / 13P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4115H3 BOURNS-TISP4115H3 Datasheet
392Kb / 13P
   Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4115H3 BOURNS-TISP4115H3 Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
TISP4115H3 BOURNS-TISP4115H3 Datasheet
392Kb / 13P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4115H3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com