Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH3225-201Y Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # MH3225-201Y
Description  High Current Chip Ferrite Beads
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MH3225-201Y Datasheet(HTML) 7 Page - Bourns Electronic Solutions

  MH3225-201Y Datasheet HTML 1Page - Bourns Electronic Solutions MH3225-201Y Datasheet HTML 2Page - Bourns Electronic Solutions MH3225-201Y Datasheet HTML 3Page - Bourns Electronic Solutions MH3225-201Y Datasheet HTML 4Page - Bourns Electronic Solutions MH3225-201Y Datasheet HTML 5Page - Bourns Electronic Solutions MH3225-201Y Datasheet HTML 6Page - Bourns Electronic Solutions MH3225-201Y Datasheet HTML 7Page - Bourns Electronic Solutions MH3225-201Y Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MH Series High Current Chip Ferrite Beads
MH 1608- 601Y
Z
X
R
0
200
800
600
400
1
10
100
1000
FREQUENCY (MHz)
MH 1608- 471Y
Z
X
R
0
200
800
600
400
1
10
100
1000
FREQUENCY (MHz)
Equivalent Circuit
Recommended Soldering
R(f)
Preheating:
100 ° to 150 °C
2 minutes min.
5 seconds max.
120 sec. max.
50 sec. max.
200 °C
230 °C
260 °C max.
Product Dimensions
DIMENSIONS ARE:
MM
(INCHES)
Recommended Land Pattern
Series
A
B
C
D
G
H
I
4532
4.5 ± 0.2
3.2 ± 0.2
1.5 ± 0.2
0.5 ± 0.2
3.0
3.0
1.5
(.177 ± .008)
(.126 ± .008)
(.059 ± .008)
(.020 ± .008)
(.118)
(.118)
(.059)
4516
4.5 ± 0.2
1.6 ± 0.2
1.6 ± 0.2
0.5 ± 0.2
3.0
1.4
1.5
(.177 ± .008)
(.063 ± .008)
(.063 ± .008)
(.020 ± .008)
(.118)
(.055)
(.059)
3261
3.2 ± 0.2
1.6 ± 0.2
1.1 ± 0.2
0.5 ± 0.2
2.0
1.4
1.1
(.126 ± .008)
(.063 ± .008)
(.043 ± .008)
(.020 ± .008)
(.079)
(.053)
(.043)
3225
3.2 ± 0.2
2.5 ± 0.2
1.3 ± 0.2
0.5 ± 0.2
2.2
2.3
1.1
(.126 ± .008)
(.098 ± .008)
(.051 ± .008)
(.020 ± .008)
(.118)
(.091)
(.043)
2029
2.0 ± 0.2
1.2 ± 0.2
0.9 ± 0.2
0.5 ± 0.2
1.0
1.0
1.0
(.079 ± .008)
(.047 ± .008)
(.035 ± .008)
(.020 ± .008)
(.040)
(.040)
(.040)
1608
1.6 ± 0.2
0.8 ± 0.2
0.8 ± 0.2
0.5 ± 0.2
0.7
0.7
0.7
(.063 ± .008)
(.031 ± .008)
(.031 ± .008)
(.020 ± .008)
(.028)
(.128)
(.128)
A
B
D
C
FERRITE
TERMINAL ELECTRODE
D
I
G
I
H
Electrical Specifications (continued)


Similar Part No. - MH3225-201Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH3225_MDS BOURNS-MH3225_MDS Datasheet
214Kb / 1P
   Ferrite Chip Bead Series
More results

Similar Description - MH3225-201Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH2029-101Y BOURNS-MH2029-101Y Datasheet
1Mb / 8P
   High Current Chip Ferrite Beads
logo
NIC-Components Corp.
NCBH NIC-NCBH Datasheet
92Kb / 4P
   High Current Ferrite Chip Beads
logo
Bourns Electronic Solut...
MH4532-700Y BOURNS-MH4532-700Y_14 Datasheet
1Mb / 6P
   High Current Chip Ferrite Beads
logo
List of Unclassifed Man...
PMH1206-601 ETC2-PMH1206-601 Datasheet
37Kb / 1P
   Multilayer High-Current Ferrite Chip Beads
logo
NIC-Components Corp.
NCBGH NIC-NCBGH Datasheet
104Kb / 2P
   High Frequency/High Current Ferrite Chip Beads
logo
Frontier Electronics.
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
Bourns Electronic Solut...
MH1608 BOURNS-MH1608 Datasheet
778Kb / 5P
    MH1608 Series High Current Chip Ferrite Beads
REV. 06/22
logo
Frontier Electronics.
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
NIC-Components Corp.
NCB-H1206B601TR200F NIC-NCB-H1206B601TR200F Datasheet
89Kb / 3P
   High Current Ferrite Chip Beads NCB-H
logo
Frontier Electronics.
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com