Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4070J1 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TISP4070J1
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4070J1 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TISP4070J1 Datasheet HTML 1Page - Bourns Electronic Solutions TISP4070J1 Datasheet HTML 2Page - Bourns Electronic Solutions TISP4070J1 Datasheet HTML 3Page - Bourns Electronic Solutions TISP4070J1 Datasheet HTML 4Page - Bourns Electronic Solutions TISP4070J1 Datasheet HTML 5Page - Bourns Electronic Solutions TISP4070J1 Datasheet HTML 6Page - Bourns Electronic Solutions TISP4070J1 Datasheet HTML 7Page - Bourns Electronic Solutions TISP4070J1 Datasheet HTML 8Page - Bourns Electronic Solutions TISP4070J1 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SEPTEMBER 2001 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxJ1BJ Overvoltage Protector Series
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
IDRM
Repetitive peak off-
state current
VD = ±VDRM
TA = 25 °C
TA = 85 °C
±5
±10
µA
V(BO) AC breakover voltage
dv/dt = ±250 V/ms, R SOURCE =300 Ω
4070
’4080
’4095
’4115
’4125
’4145
’4165
’4180
’4200
’4219
’4250
’4290
’4350
‘4395
±70
±80
±95
±115
±125
±145
±165
±180
±200
±219
±250
±290
±350
±395
V
V(BO)
Ramp breakover
voltage
dv/dt ≤±1000 V/µs, Linear voltage ramp,
Maximum ramp value = ±500 V
di/dt = ±20 A/µs, Linear current ramp,
Maximum ramp value = ±10 A
4070
’4080
’4095
’4115
’4125
’4145
’4165
’4180
’4200
’4219
’4250
’4290
’4350
‘4395
±77
±88
±104
±125
±135
±156
±177
±192
±212
±231
±263
±303
±364
±409
V
V(BO)
Impulse breakover
voltage
2/10 wave shape, IPP = ±1000 A, RS =2.5 Ω,
(see Note 3)
4070
’4080
’4095
’4115
’4125
’4145
’4165
’4180
’4200
’4219
’4250
’4290
’4350
‘4395
±96
±101
±112
±130
±140
±161
±183
±199
±221
±242
±276
±320
±386
±434
V
NOTE 3: Dynamic voltage measurements should be made with an oscilloscope with limited band width (20 MHz) to avoid high frequency
noise.


Similar Part No. - TISP4070J1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4070J3BJ BOURNS-TISP4070J3BJ Datasheet
545Kb / 7P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4070J1

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com