Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH2029-070Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MH2029-070Y
Description  High Current Chip Ferrite Beads
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MH2029-070Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MH2029-070Y Datasheet HTML 1Page - Bourns Electronic Solutions MH2029-070Y Datasheet HTML 2Page - Bourns Electronic Solutions MH2029-070Y Datasheet HTML 3Page - Bourns Electronic Solutions MH2029-070Y Datasheet HTML 4Page - Bourns Electronic Solutions MH2029-070Y Datasheet HTML 5Page - Bourns Electronic Solutions MH2029-070Y Datasheet HTML 6Page - Bourns Electronic Solutions MH2029-070Y Datasheet HTML 7Page - Bourns Electronic Solutions MH2029-070Y Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MH Series High Current Chip Ferrite Beads
Features
High resistance to heat and humidity
Resistance to mechanical shock and
pressure
Accurate dimensions for automatic
surface mounting
Wide impedance range
Applications
Power supply lines
IC power lines
Signal lines
General Specifications
Operating Temperature
...................................-55 °C to +125 °C
Storage Temperature ..-55 °C to +125 °C
Storage Condition
......................+40 °C max. at 70 % RH
Reflow Soldering
......................230 ˚C, 50 seconds max.
Resistance to Soldering Heat
.................................260 ˚C, 5 seconds
Rated Current ..................Based on max.
temperature rise of +40 °C
Terminal Strength
(Force “F” applied for 30 seconds)
4532 Series ............................1.5 F (Kg)
4516 Series ............................1.0 F (Kg)
3261 Series ............................1.0 F (Kg)
3225 Series ............................1.0 F (Kg)
2029 Series ............................0.6 F (Kg)
1608 Series ............................0.5 F (Kg)
Materials
Core Material .................................Ferrite
Internal Conductor ...............Ag or Ag/Pd
Terminal .....................................Ag/Ni/Sn
Electrical Specifications
Model Number
Impedance
(Ω)
at 100 MHz
RDC
(mΩ)
Max.
IDC
(A)
Max.
MH4532-700Y
70 ±25 %
30
6.0
MH4532-800Y
80 ±25 %
10
6.0
MH4532-121Y
120 ±25 %
50
3.0
MH4532-131Y
130 ±25 %
40
3.0
MH4532-151Y
150 ±25 %
20
5.0
MH4532-681Y
680 ±25 %
30
4.0
MH4532-132Y
1300 ±25 %
60
3.0
MH4516-600Y
60 ±25 %
10
6.0
MH4516-750Y
75 ±25 %
25
3.0
MH4516-800Y
80 ±25 %
50
3.0
MH4516-102Y
1000 ±25 %
150
1.5
MH3261-190Y
19 ±25 %
40
3.0
MH3261-260Y
26 ±25 %
40
3.0
MH3261-310Y
31 ±25%
40
3.0
MH3261-500Y
50 ±25 %
25
3.0
MH3261-800Y
80 ±25 %
30
3.0
MH3261-121Y
120 ±25 %
100
2.0
MH3261-151Y
150 ±25 %
100
2.0
MH3261-301Y
300 ±25 %
200
1.0
MH3261-471Y
470 ±25 %
200
1.0
MH3261-501Y
500 ±25 %
40
3.0
MH3261-601Y
600 ±25 %
100
2.0
MH3225-300Y
30 ±25 %
50
3.0
MH3225-520Y
52 ±25 %
50
3.0
MH3225-650Y
65 ±25 %
30
3.0
MH3225-900Y
90 ±25 %
100
2.0
MH3225-151Y
150 ±25 %
20
5.0
MH3225-201Y
200 ±25 %
30
4.0
MH2029-070Y
7 ±25 %
30
3.0
MH2029-100Y
10 ±25 %
30
3.0
MH2029-300Y
30 ±25%
25
3.0
MH2029-800Y
80 ±25 %
40
3.0
MH2029-121Y
120 ±25 %
100
2.0
MH2029-151Y
150 ±25 %
100
2.0
MH2029-221Y
220 ±25 %
100
2.0
MH2029-301Y
300 ±25 %
200
1.0
MH2029-471Y
470 ±25 %
200
1.0
MH2029-601Y
600 ±25 %
200
1.0
MH1608-300Y
30 ±25 %
60
1.0
MH1608-800Y
80 ±25 %
40
3.0
MH1608-121Y
120 ±25 %
100
2.0
MH1608-151Y
150 ±25 %
100
2.0
MH1608-221Y
220 ±25 %
100
2.0
MH1608-301Y
300 ±25 %
200
1.0
MH1608-471Y
470 ±25 %
200
1.0
MH1608-601Y
600 ±25 %
200
1.0
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - MH2029-070Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH2029-070Y BOURNS-MH2029-070Y Datasheet
1Mb / 6P
   High Current Chip Ferrite Beads
MH2029-070Y BOURNS-MH2029-070Y Datasheet
911Kb / 6P
   MH45/MH32/MH20 Series High Current Chip Ferrite Beads
REV. 06/22
More results

Similar Description - MH2029-070Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH2029-101Y BOURNS-MH2029-101Y Datasheet
1Mb / 8P
   High Current Chip Ferrite Beads
logo
NIC-Components Corp.
NCBH NIC-NCBH Datasheet
92Kb / 4P
   High Current Ferrite Chip Beads
logo
Bourns Electronic Solut...
MH4532-700Y BOURNS-MH4532-700Y_14 Datasheet
1Mb / 6P
   High Current Chip Ferrite Beads
logo
List of Unclassifed Man...
PMH1206-601 ETC2-PMH1206-601 Datasheet
37Kb / 1P
   Multilayer High-Current Ferrite Chip Beads
logo
NIC-Components Corp.
NCBGH NIC-NCBGH Datasheet
104Kb / 2P
   High Frequency/High Current Ferrite Chip Beads
logo
Frontier Electronics.
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
Bourns Electronic Solut...
MH1608 BOURNS-MH1608 Datasheet
778Kb / 5P
    MH1608 Series High Current Chip Ferrite Beads
REV. 06/22
logo
Frontier Electronics.
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
NIC-Components Corp.
NCB-H1206B601TR200F NIC-NCB-H1206B601TR200F Datasheet
89Kb / 3P
   High Current Ferrite Chip Beads NCB-H
logo
Frontier Electronics.
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com