Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4219M3BJR-S Datasheet(PDF) 11 Page - Bourns Electronic Solutions

Part # TISP4219M3BJR-S
Description  LCAS RING AND TIP PROTECTION PAIRS BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4219M3BJR-S Datasheet(HTML) 11 Page - Bourns Electronic Solutions

Back Button TISP4219M3BJR-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP4219M3BJR-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP4219M3BJR-S Datasheet HTML 9Page - Bourns Electronic Solutions TISP4219M3BJR-S Datasheet HTML 10Page - Bourns Electronic Solutions TISP4219M3BJR-S Datasheet HTML 11Page - Bourns Electronic Solutions TISP4219M3BJR-S Datasheet HTML 12Page - Bourns Electronic Solutions TISP4219M3BJR-S Datasheet HTML 13Page - Bourns Electronic Solutions TISP4219M3BJR-S Datasheet HTML 14Page - Bourns Electronic Solutions TISP4219M3BJR-S Datasheet HTML 15Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
JUNE 2001 – REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP4xxxH3/M3BJ Series for LCAS Protection
LCAS Switch Ratings
Equivalent Circuit
Figure 13 shows the LCAS switch voltage ratings as breakdown diodes, which must not be allowed to conduct. Each switch has three diodes;
one between poles and the other two from each pole to ground. At 25 °C, switches SW1 through to SW3 have breakdown diode voltages of
±320 V. Switch SW4 has breakdown diode voltage values of ±465 V for the one between poles and ±320 V for the two diodes connected to
ground. Note that only protection to ground is required, as in the limit, the inter-switch voltage limitation of ±640 V is the same as the switch to
ground limitation of +320 V and -320 V in both polarities.
When a switch is in the off state, the maximum withstand voltage may be set by the switch itself or by the control line to the switch. At 25°C,
the switch terminal to ground voltage rating for all the switches is ±320 V. Switches SW1 to SW3 are bidirectional MOS types and can
withstand ±320 V between terminals. Switch SW4 is a bidirectional thyristor which is rated at ±465 V between terminals.
Overcurrents as well as overvoltages occur on telephone lines. In the on state, the thyristor switch, SW4, is capable of withstanding high levels
of current overload. For currents above about 200 mA, the MOS switches, SW1 to SW3, will go into a current limited condition. This will cause
the voltage to rise across the switch and large amounts of power to be developed. In the longer term, this power loss increases the overall chip
temperature. When the temperature exceeds about 125 °C, thermal shutdown occurs and the switches are set to the off state. Without power
loss, the LCAS will cool. Eventually, the thermal trip will reset, setting the switches back in the high power loss condition again. The cycle of
temperature increase, thermal shutdown, temperature decrease and switch re-activation will continue until the overcurrent ceases.
Figure 13. LCAS Shown with Switch Breakdown Limits
RING
RELAY
SLIC
RELAY
RING
GENERAT OR
SW5a
SW5b
R1
R2
V
BAT
±
2xVRING
Th1
Th2
Th3
Th4
SLIC
V
bat
RING
TIP
SW3
SW4
SW1
SW2
+
2xVRING
-
2xV RING
V
BAT
0
RING
WIRE
TIP
WIRE
V
BAT +
2xVRING
V
BAT -
2xVRING
V
BAT
0
RING
WIRE
TIP
WIRE
GROUND-BACKEDRINGING
SW5 AS SHOWN
BATTERY-BACKED RINGING
SW5 OPERATED
R1
R2
AI4XAR
TISP4125M3
OR
TISP4125H3
TISP4219M3
OR
TISP4219H3


Similar Part No. - TISP4219M3BJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4219J1 BOURNS-TISP4219J1 Datasheet
282Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4219J3BJ BOURNS-TISP4219J3BJ Datasheet
545Kb / 7P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4219M3BJR-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com