Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3310C-011-103L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3310C-011-103L
Description  Square Sealed Panel Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3310C-011-103L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3310C-011-103L Datasheet HTML 1Page - Bourns Electronic Solutions 3310C-011-103L Datasheet HTML 2Page - Bourns Electronic Solutions 3310C-011-103L Datasheet HTML 3Page - Bourns Electronic Solutions 3310C-011-103L Datasheet HTML 4Page - Bourns Electronic Solutions 3310C-011-103L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3310 - 9 mm Square Sealed Panel Control
Features
Conductive plastic
PC board and bushing mount
Plastic bushing and plastic shaft
Withstands typical industrial washing
processes
Compact package saves board and panel
space
Audio taper versions available as special
order
RoHS compliant versions available*
Electrical Characteristics
Standard Resistance Range - Linear ....................................................................................................................................................1 K ohms to 1 megohm
Total Resistance Tolerance - Linear Tapers ......................................................................................................................................................................±20 %
Independent Linearity..........................................................................................................................................................................................................±5 %
Absolute Minimum Resistance........................................................................................................................................................................2 ohms maximum
Effective Electrical Angle............................................................................................................................................................................................270 ° ±15 °
Contact Resistance Variation..............................................................................................................................................1 % or 1 ohm (whichever is greater)
Dielectric Withstanding Voltage (MIL-STD-202 – Method 301)
Sea Level ..................................................................................................................................................................................................900 VAC minimum
70,000 Feet ................................................................................................................................................................................................350 VAC minimum
Insulation Resistance ........................................................................................................................................................................1,000 megohms minimum
Power Rating @ 70 °C (Derate to 0 at 125 °C - Voltage Limited By Power Dissipation or 200 VAC, Whichever is Less) ........................................ 0.25 watts
Theoretical Resolution ....................................................................................................................................................................................Essentially infinite
Environmental Characteristics
Operating Temperature Range ........................................................................................................................................-40 °C to +125 °C (-40 °F to +257 °F)
Storage Temperature Range............................................................................................................................................-55 °C to +125 °C (-67 °F to +257 °F)
Temperature Coefficient Over Storage Temperature Range ..............................................................................................................................±1,000 ppm/°C
Vibration ..............................................................................................................................................................................................................................30 G
Total Resistance Shift ....................................................................................................................................................................................±1 % maximum
Voltage Ratio Shift..........................................................................................................................................................................................±1 % maximum
Shock ................................................................................................................................................................................................................................100 G
Total Resistance Shift ....................................................................................................................................................................................±1 % maximum
Voltage Ratio Shift..........................................................................................................................................................................................±1 % maximum
Load Life ..................................................................................................................................................................................................................1,000 hours
Total Resistance Shift ..........................................................................................................................................................................±10 % TRS maximum
Rotational Life (No Load) ......................................................................................................................................................................................50,000 cycles
Total Resistance Shift ............................................................................................................................................................................±5 % TRS maximum
Contact Resistance Variation ......................................................................................................................................3 % or 3 ohms, whichever is greater
Moisture Resistance ....................................................................................................................................................MIL-STD-202, Method 103, Condition B
Total Resistance Shift ..........................................................................................................................................................................±10 % TRS maximum
IP Rating ..............................................................................................................................................................................................................................IP67
Mechanical Characteristics
Stop Strength ..............................................................................................................................................................................................5.65 N-cm (8 oz.-in.)
Mechanical Angle ..................................................................................................................................................................................................300 ° nominal
Torque
Starting................................................................................................................................................................................3.53 N-cm (5.0 oz.-in.) maximum
Running ..............................................................................................................................................................................3.53 N-cm (5.0 oz.-in.) maximum
Mounting (Torque on Bushing) ..........................................................45 N-cm (4.0 lb.-in.) max [plastic bushing]; 79 N-cm (7.0 lb.-in.) max [metal bushing]
Weight (Single Section) ................................................................................................................................................................................................4.5 grams
(Each Additional Section) ........................................................................................................................................................................................2.5 grams
Terminals ............................................................................................................................................................................................................Solderable pins
Soldering Condition
Manual Soldering ....................................................96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire; 370 °C (700 °F) max. for 3 seconds
Wave Soldering ............................................................................96.5Sn/3.0Ag/0.5Cu solder with no-clean flux; 260 °C (500 °F) max. for 5 seconds
Wash Processes ..........................................................For recommended wash processes, please refer to http://www.bourns.com/pdfs/sldclen.pdf
Marking ..................................................................Manufacturer’s trademark, model number, product code, terminal style, resistance code and date code
Ganging ............................................................................................................................................................................................................2 cups maximum
Hardware ............................................One lockwasher and one mounting nut is shipped with each potentiometer, except where noted in the part number.
Flammability..............................................................................................................................................................................................Conforms to UL94V-0
Epoxy ......................................................................................................................................................................................................Conforms to UL 94V-1
IP Rating ..............................................................................................................................................................................................................................IP67
Switch Characteristics
Contact Resistance ................................................................................................................................................................................................2 ohms max.
Dielectric Strength ........................................................................................................................................................................................................350 VDC
Detent Torque ........................................................................................................................................................................................................0.5 oz-in min.
Power Rating (Resistive Load) ........................................................................................................................................................................100 mA @ 16VDC


Similar Part No. - 3310C-011-103L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3310C-011 BOURNS-3310C-011 Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
More results

Similar Description - 3310C-011-103L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3360 BOURNS-3360 Datasheet
162Kb / 2P
   6 mm Square Sealed Panel Control
3310C-001-503L BOURNS-3310C-001-503L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310C-001-202L BOURNS-3310C-001-202L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310Y-001-103L BOURNS-3310Y-001-103L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
logo
Vishay Siliconix
P10 VISHAY-P10_17 Datasheet
105Kb / 5P
   3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
logo
Bourns Electronic Solut...
51AAD-B28-A15 BOURNS-51AAD-B28-A15 Datasheet
365Kb / 3P
   Sealed 1/2 (12.5 mm) Square Control
logo
Vishay Siliconix
P10 VISHAY-P10_V01 Datasheet
90Kb / 5P
   3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com