Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT66004L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PT66004L
Description  ISDN S-Interface Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PT66004L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PT66004L Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PT66004 - ISDN S-Interface Transformer
Features
Designed for G.703 codirectional
interface
Matched to leading transceiver ICs
Through-hole unit
Lead free version available (see How to
Order)
Lead free versions are RoHS compliant*
Applications
Telecom
1
Pri
III
3
II
I
6
5
4
Sec
Electrical Specifications @ 25 °C
Turns Ratio ± 3 % (III : II + I) ........1:2 CT*
OCL (mH min.)......................................20
Interwinding Capacitance
Cww (pF max.)................................130
Leakage Inductance Ls (µH max.) ..........5
HIPOT 50 Hz for 2 sec. (Vrms)
III to II + I ......................................1500
DCR I + II (Ω max.)..................................5
DCR III (Ω max.) ................................2.65
Operating Temperature (°C) ........0 to +70
*CT : center tap
Other OCL specifications available on
request.
Packaging Specifications
Tube ....................................56 pcs./tube
Electrical Schematic
Product Dimensions
45
6
12
3
14.2
(0.559)
LOGO
PIN 1
DATE CODE
P/N
MAX.
14.2
(0.559)
MAX.
10.16
(0.400)
5.08
(0.20)
5.08
(0.20)
10.16
(0.400)
0.6 ± 0.1
(0.024 ± 0.004)
DIA.
DIMENSIONS ARE:
MM
(INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
03/05
How to Order
PT66004 __
Model
Termination
Blank = Tin-lead
L = Tin only (lead free)


Similar Part No. - PT66004L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6600 TI1-PT6600 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
logo
Bourns Electronic Solut...
PT66001 BOURNS-PT66001 Datasheet
129Kb / 1P
   ISDN S-Interface Transformer
PT66002 BOURNS-PT66002 Datasheet
147Kb / 1P
   T1 Transformer
PT66002L BOURNS-PT66002L Datasheet
147Kb / 1P
   T1 Transformer
More results

Similar Description - PT66004L

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1205G PCA-EPR1205G Datasheet
25Kb / 1P
   ISDN S-Interface Transformer
logo
Rhombus Industries Inc.
T-13400 RHOMBUS-IND-T-13400 Datasheet
20Kb / 1P
   ISDN S Interface Transformer
T-13404 RHOMBUS-IND-T-13404 Datasheet
21Kb / 1P
   ISDN S Interface Transformer
T-10455 RHOMBUS-IND-T-10455 Datasheet
25Kb / 1P
   ISDN S Interface Transformer
logo
Bothhand USA, LP.
S5799M BOTHHAND-S5799M_1 Datasheet
28Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
S5970 BOTHHAND-S5970 Datasheet
24Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
S5017 BOTHHAND-S5017 Datasheet
243Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
logo
Rhombus Industries Inc.
T-10451 RHOMBUS-IND-T-10451 Datasheet
23Kb / 1P
   ISDN S Interface Transformer
T-10405 RHOMBUS-IND-T-10405 Datasheet
26Kb / 1P
   ISDN S Interface Transformer
logo
Bourns Electronic Solut...
PT66001 BOURNS-PT66001 Datasheet
129Kb / 1P
   ISDN S-Interface Transformer
logo
Rhombus Industries Inc.
T-10402 RHOMBUS-IND-T-10402 Datasheet
26Kb / 1P
   ISDN S Interface Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com