Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4070M3AJR Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TISP4070M3AJR
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4070M3AJR Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TISP4070M3AJR Datasheet HTML 1Page - Bourns Electronic Solutions TISP4070M3AJR Datasheet HTML 2Page - Bourns Electronic Solutions TISP4070M3AJR Datasheet HTML 3Page - Bourns Electronic Solutions TISP4070M3AJR Datasheet HTML 4Page - Bourns Electronic Solutions TISP4070M3AJR Datasheet HTML 5Page - Bourns Electronic Solutions TISP4070M3AJR Datasheet HTML 6Page - Bourns Electronic Solutions TISP4070M3AJR Datasheet HTML 7Page - Bourns Electronic Solutions TISP4070M3AJR Datasheet HTML 8Page - Bourns Electronic Solutions TISP4070M3AJR Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AUGUST 2001 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thermal Characteristics
TISP4xxxM3AJ Overvoltage Protector Series
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted)
Coff
Off-state capacitance
f=1MHz,
Vd =1 V rms, VD =0,
f=1MHz,
Vd =1 V rms, VD =-1V
f=1MHz,
Vd =1 V rms, VD =-2V
f=1MHz,
Vd =1 V rms, VD =-50 V
f=1MHz,
Vd =1 V rms, VD = -100 V
(see Note 6)
4070 thru ‘4115
‘4125 thru ‘4220
‘4240 thru ‘4400
‘4070 thru ‘4115
‘4125 thru ‘4220
‘4240 thru ‘4395
‘4070 thru ‘4115
‘4125 thru ‘4220
‘4240 thru ‘4395
‘4070 thru ‘4115
‘4125 thru ‘4220
‘4240 thru ‘4400
‘4125 thru ‘4220
‘4240 thru ‘4395
83
62
50
78
56
45
72
52
42
36
26
19
21
15
100
74
60
94
67
54
87
62
50
44
31
22
25
18
pF
NOTE
6: To avoid possible voltage clipping, the ‘4125 is tested with VD =-98 V.
Parameter
Test Conditions
Min
Typ
Max
Unit
A
ID
Off-state current
VD = ±50 V
TA = 85 °C
±10
µ
Parameter
Test Conditions
Min
Typ
Max
Unit
RθJA
Junction to free air thermal resistance
EIA/JESD51-3 PCB, IT = ITSM(1000),
TA = 25 °C, (see Note 7)
115
°C/W
265 mm x 210 mm populated line card,
4-layer PCB, IT = ITSM(1000), TA = 25 °C
52
NOTE
7:
EIA/JESD51-2 environment and PCB has standard footprint dimensions connected with 5 A rated printed wiring track widths.


Similar Part No. - TISP4070M3AJR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4070M3AJ BOURNS-TISP4070M3AJ Datasheet
376Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3AJ BOURNS-TISP4070M3AJ_07 Datasheet
376Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4070M3AJR

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com