Electronic Components Datasheet Search |
|
TISP4360M3AJR Datasheet(PDF) 4 Page - Bourns Electronic Solutions |
|
TISP4360M3AJR Datasheet(HTML) 4 Page - Bourns Electronic Solutions |
4 / 14 page AUGUST 2001 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Thermal Characteristics TISP4xxxM3AJ Overvoltage Protector Series Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted) Coff Off-state capacitance f=1MHz, Vd =1 V rms, VD =0, f=1MHz, Vd =1 V rms, VD =-1V f=1MHz, Vd =1 V rms, VD =-2V f=1MHz, Vd =1 V rms, VD =-50 V f=1MHz, Vd =1 V rms, VD = -100 V (see Note 6) 4070 thru ‘4115 ‘4125 thru ‘4220 ‘4240 thru ‘4400 ‘4070 thru ‘4115 ‘4125 thru ‘4220 ‘4240 thru ‘4395 ‘4070 thru ‘4115 ‘4125 thru ‘4220 ‘4240 thru ‘4395 ‘4070 thru ‘4115 ‘4125 thru ‘4220 ‘4240 thru ‘4400 ‘4125 thru ‘4220 ‘4240 thru ‘4395 83 62 50 78 56 45 72 52 42 36 26 19 21 15 100 74 60 94 67 54 87 62 50 44 31 22 25 18 pF NOTE 6: To avoid possible voltage clipping, the ‘4125 is tested with VD =-98 V. Parameter Test Conditions Min Typ Max Unit A ID Off-state current VD = ±50 V TA = 85 °C ±10 µ Parameter Test Conditions Min Typ Max Unit RθJA Junction to free air thermal resistance EIA/JESD51-3 PCB, IT = ITSM(1000), TA = 25 °C, (see Note 7) 115 °C/W 265 mm x 210 mm populated line card, 4-layer PCB, IT = ITSM(1000), TA = 25 °C 52 NOTE 7: EIA/JESD51-2 environment and PCB has standard footprint dimensions connected with 5 A rated printed wiring track widths. |
Similar Part No. - TISP4360M3AJR |
|
Similar Description - TISP4360M3AJR |