Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD744A Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # BD744A
Description  PNP SILICON POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BD744A Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  BD744A Datasheet HTML 1Page - Bourns Electronic Solutions BD744A Datasheet HTML 2Page - Bourns Electronic Solutions BD744A Datasheet HTML 3Page - Bourns Electronic Solutions BD744A Datasheet HTML 4Page - Bourns Electronic Solutions BD744A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BD744, BD744A, BD744B, BD744C
PNP SILICON POWER TRANSISTORS
3
P R O D UCT
INFORMA TION
AUGUST 1978 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
MAXIMUM SAFE OPERATING REGIONS
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·1
-1·0
-10
-100
10
100
1000
TCS638AA
T
C = 125°C
T
C =
25°C
T
C =
-55°C
V
CE = -4 V
t
p = 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·1
-1·0
-10
-100
-0·01
-0·1
-1·0
-10
TCS638AB
T
C =
-55°C
T
C =
25°C
T
C = 125°C
t
p = 300µs, duty cycle < 2%
I
C
I
B
= 10
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
-1·0
-10
-100
-1000
-0·01
-0·1
-1·0
-10
-100
SAS638AA
BD744
BD744A
BD744B
BD744C
t
p =
1 ms,
d = 0.1 = 10%
t
p =
10 ms,
d = 0.1 = 10%
t
p =
50 ms,
d = 0.1 = 10%
DC Operation


Similar Part No. - BD744A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD744A POINN-BD744A Datasheet
87Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD744A ISC-BD744A Datasheet
113Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
BD744A SAVANTIC-BD744A Datasheet
101Kb / 3P
   Silicon PNP Power Transistors
BD744A SAVANTIC-BD744A Datasheet
102Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BD744A NJSEMI-BD744A Datasheet
132Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD744A

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com