Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR220-4SAR0400G Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PWR220-4SAR0400G
Description  Shunt Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PWR220-4SAR0400G Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PWR220-4SAR0400G Datasheet HTML 1Page - Bourns Electronic Solutions PWR220-4SAR0400G Datasheet HTML 2Page - Bourns Electronic Solutions PWR220-4SAR0400G Datasheet HTML 3Page - Bourns Electronic Solutions PWR220-4SAR0400G Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PWR220 S Series Shunt Resistor
Features
Low TCR
Low electrical noise
Low inductance/capacitance
High power rating
Low ohmic values
Applications
Power supplies
Motor drives
Test and measurement
Electricity meters
General Information
The Bourns® PWR220 S Series is a TO220 style Shunt Resistor. Manufactured using foil on
alumina ceramic, it is used in applications such as power supplies, motor drives and
measurements.
Electrical & Thermal Characteristics
Parameter
Symbol
Min.
Nom.
Max.
Unit
Resistance
R
0.002
50
Ω
Power Rating
@ 70 °C without heat sink
@ 70 °C with heat sink
10
1.50
15
W
Tolerance
0.002 Ω < R < 0.01 Ω
0.01 Ω < R < 0.10 Ω
0.10 Ω < R < 50.0 Ω
2.0*
1.0**
0.5**
5.0
5.0
5.0
%
TCR
-20 °C < T < 60 °C
-40 °C < T < +130 °C
±15.0
±50.0
PPM/°C
Thermal Resistance – Rthj (Max @ R < 50 Ω)
4.8
°C/W
Stability
0.1
0.5
%
Thermal EMF
1.0
µV/°C
Dielectric Withstanding Voltage
300
VDC
Operating Temperature
TJ
-40
+130
°C
Material Specifications
Resistor..........................Metal Foil (CuNiMn)
Substrate...........................Alumina (AL203)
Housing.....................................Epoxy/PPS
Lead Frame ............Tinned Copper (Sn/Cu)
Maximum Torque .............................1.0 Nm
Packaging
Tubes....................................50 pcs./tube
Tape & Reel..........................500 pcs./reel
*RoHS Directive 2002/95/EC Jan 27 2003, including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
* 1 % also available with 4-pin version.
** 0.1 % and 0.24 % also available with 4-pin version.


Similar Part No. - PWR220-4SAR0400G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR220-4SAR040BE BOURNS-PWR220-4SAR040BE Datasheet
265Kb / 4P
   Shunt Resistor
PWR220-4SAR040CE BOURNS-PWR220-4SAR040CE Datasheet
265Kb / 4P
   Shunt Resistor
PWR220-4SAR040DE BOURNS-PWR220-4SAR040DE Datasheet
265Kb / 4P
   Shunt Resistor
PWR220-4SAR040FE BOURNS-PWR220-4SAR040FE Datasheet
265Kb / 4P
   Shunt Resistor
PWR220-4SAR040GE BOURNS-PWR220-4SAR040GE Datasheet
265Kb / 4P
   Shunt Resistor
More results

Similar Description - PWR220-4SAR0400G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
   Shunt Resistor
logo
YAGEO Corporation
PU3921FKM130R001L YAGEO-PU3921FKM130R001L Datasheet
718Kb / 9P
   SHUNT RESISTOR
logo
Bourns Electronic Solut...
PWR220-2SAR040JE BOURNS-PWR220-2SAR040JE Datasheet
265Kb / 4P
   Shunt Resistor
logo
Riedon Powertron
MNRS1050 RIEDON-MNRS1050 Datasheet
197Kb / 2P
   Chip Shunt Resistor
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
   Power Shunt Resistor
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
KOA Speer Electronics, ...
PSBTTEB1L00F KOA-PSBTTEB1L00F Datasheet
241Kb / 2P
   chip type power shunt resistor
PSIDTEB KOA-PSIDTEB Datasheet
82Kb / 2P
   chip type power shunt resistor
logo
Vishay Siliconix
WSBS8518L5000JT34 VISHAY-WSBS8518L5000JT34 Datasheet
143Kb / 3P
   Power Metal Strip짰 Shunt Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com