Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3310Y-123-103L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3310Y-123-103L
Description  Square Sealed Panel Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3310Y-123-103L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3310Y-123-103L Datasheet HTML 1Page - Bourns Electronic Solutions 3310Y-123-103L Datasheet HTML 2Page - Bourns Electronic Solutions 3310Y-123-103L Datasheet HTML 3Page - Bourns Electronic Solutions 3310Y-123-103L Datasheet HTML 4Page - Bourns Electronic Solutions 3310Y-123-103L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3310 - 9 mm Square Sealed Panel Control
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
Popular values listed in boldface. Consult
factory for special resistances.
Part Numbering System
3310 Y - 0 0 1 - 103 L
Model Number Designator
3310 = 9 mm Panel Control
Terminal Style Designator
Single Cup:
C = In-line Straight Terminals Side Exit 2.54 mm centers
R = In-line Terminals Rear Exit 2.54 mm centers
P = 5.08 mm x 2.54 mm Triangular Pattern Rear Exit
Y = 5.08 mm x 5.08 mm Triangular Pattern Rear Exit
Dual Cup (Pot/Pot or Pot/Switch):
H = Dual In-line Straight Terminals Rear Exit 2.54 mm centers
Shaft End Designator
0 = Shaft End Slotted
1 = Shaft End Flatted
Shaft Length Designator
0 = 12.7 mm FMS Long Plastic Shaft (Available w/bushing only)
1 = 19.05 mm FMS Long Plastic Shaft (Available w/bushing only)
2 = 5.59 mm FMS Long Plastic Shaft (Bushingless version only)
Bushing Designator
Pot (or Pot/Pot):
1 = 6.35 mm x 6.35 mm Plastic
2 = 6.35 mm x 6.35 mm Ni Plated Brass
5 = Bushingless (Board Level Control)
Pot/Switch Bushing Designator (use with “H” terminal style only.)
3 = 6.35 mm x 6.35 mm Plastic
4 = 6.35 mm x 6.35 mm Ni Plated Brass
6 = Bushingless (Board Level)
Resistance Code
(1st 2 digits are significant, 3rd digit is number of 0s to follow)
Terminals
L = RoHS compliant (100 % tin plated finish)
Blank = Standard (tin/lead plated finish)


Similar Part No. - 3310Y-123-103L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3310Y-121 BOURNS-3310Y-121 Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310Y-122 BOURNS-3310Y-122 Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310Y-125 BOURNS-3310Y-125 Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
More results

Similar Description - 3310Y-123-103L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3360 BOURNS-3360 Datasheet
162Kb / 2P
   6 mm Square Sealed Panel Control
3310C-001-503L BOURNS-3310C-001-503L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310C-001-202L BOURNS-3310C-001-202L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310Y-001-103L BOURNS-3310Y-001-103L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
logo
Vishay Siliconix
P10 VISHAY-P10_17 Datasheet
105Kb / 5P
   3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
Revision: 04-Jul-17
logo
Bourns Electronic Solut...
51AAD-B28-A15 BOURNS-51AAD-B28-A15 Datasheet
365Kb / 3P
   Sealed 1/2 (12.5 mm) Square Control
logo
Vishay Siliconix
P10 VISHAY-P10_V01 Datasheet
90Kb / 5P
   3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com