Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-LP-5001E Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SM-LP-5001E
Description  Surface Mount Line Matching Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SM-LP-5001E Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SM-LP-5001E Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV. 05/06
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SM-LP-5001 Series -Surface Mount Line Matching Transformers
Features
Subminiature in SMT
7.36 mm seated height
Tested at 4600 Vrms, 1 minute
Distortion of only 0.015 %
Vacuum encapsulated
EN 60950, EN 41003, BS 415, BABT and
UL approved
Lead free version available (see How to
Order)
Lead free versions are RoHS compliant*
Applications
Modems (V32)
Laptop Computers
Telecommunications
Instrumentation
12.5
(.492)
0.3
(.012)
2.54
(1.00)
1.0
(.039)
1.1
(.043)
0.6 ± 0.03
(.023 ± .001)
1
2
3
4
5
6
9.6
(.378)
Suggested PCB Layout
2.5
(.098)
2.54
(.100)
0.75
(.030)
7.36
(.290)
14.5
(.571)
MAX.
0.6 ± 0.5
(.023 ± .020)
1
2
3
6
5
4
Schematic
DIMENSIONS ARE:
MM
(INCHES)
Electrical Specifications
Nominal Impedance.......................600 Ω
Turns Ratio..........................................1:1
Insertion Loss ........2.0 dB max. at 2 kHz
Frequency Response
.....................±0.25 dB max. 200-4 kHz
Return Loss .........24 dB min. 200-4 kHz*
Balance ..................................80 dB min.
Distortion .............................-76 dB max.
@ 600 Hz, -10 dBm
Dielectric Strength
.............................4600 Vrms for 1 min.
Insulation Resistance
...................................100 MΩ @ 500 V
DC Resistance**
Primary ............................115 Ω ±15 %
Secondary .......................115 Ω ±15 %
Shunt Inductance ....................3.8 H min.
Shunt Loss ...........................7500 Ω min.
Leakage Inductance ......6-7 mH @ 1 kHz
Power Level ................................10 dBm
Operating Temperature
...................................-20 °C to +85 °C
Storage Temperature
...................................-40 °C to +85 °C
Materials
Terminal Plating...............................AgSn
*For use with recommended circuit
(BS6305 impedance Class A non-speech
or Class B speech).
**SM-LP-5001 is symetrical, meaning
there is no real primary nor secondary
winding.
Product Dimensions
LEAD COPLANARITY:
0.15
MAX.
(.006)
UNLESS OTHERWISE
SPECIFIED, TOLERANCE:
±0.25
MAX.
(.010)
How to Order
SM-LP-5001 __ __
Model
Packaging
Blank = Packaged in tubes
E = Tape and reel
(400 pcs. per reel)
Termination
Blank = Tin-lead: Date code 0513 or older
Blank = Tin only (lead free): Date code 0514 or
newer


Similar Part No. - SM-LP-5001E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM-LP-5001E BOURNS-SM-LP-5001E Datasheet
139Kb / 1P
   Surface Mount Line Matching Transformers
More results

Similar Description - SM-LP-5001E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMLP5001 BOURNS-SMLP5001_11 Datasheet
139Kb / 1P
   Surface Mount Line Matching Transformers
SMLP5002 BOURNS-SMLP5002 Datasheet
170Kb / 1P
   Surface Mount Line Matching Transformers
SM-LP-5002 BOURNS-SM-LP-5002 Datasheet
142Kb / 1P
   Surface Mount Line Matching Transformers
LM-LP-1001L BOURNS-LM-LP-1001L Datasheet
167Kb / 2P
   Line Matching Transformers
LM-NP1001-B1L BOURNS-LM-NP1001-B1L Datasheet
167Kb / 2P
   Line Matching Transformers
LM-NP BOURNS-LM-NP Datasheet
152Kb / 2P
   Line Matching Transformers
logo
JFW Industries, Inc.
57ZT JFW-57ZT Datasheet
48Kb / 1P
   Impedance Matching Transformers
logo
Bourns Electronic Solut...
LM-NP-1004L BOURNS-LM-NP-1004L Datasheet
167Kb / 2P
   LM-NP/-LP 1000 Series - Line Matching Transformers
LM-NP-1001-B1L BOURNS-LM-NP-1001-B1L Datasheet
167Kb / 2P
   LM-NP/-LP 1000 Series - Line Matching Transformers
LM-NP-1003L BOURNS-LM-NP-1003L Datasheet
167Kb / 2P
   LM-NP/-LP 1000 Series - Line Matching Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com