Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT5504CL Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SPT5504CL
Description  SLIC Power Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SPT5504CL Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SPT5504CL Datasheet HTML 1Page - Bourns Electronic Solutions SPT5504CL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Asia-Pacific:
TEL +886- (0)2 25624117 • FAX +886- (0)2 25624116
Europe:
TEL +41-41 768 5555 • FAX +41-41 768 5510
The Americas:
TEL +1-951 781-5500 • FAX +1-951 781-5700
www.bourns.com
Reliable Electronic Solutions
COPYRIGHT© 2005, BOURNS, INC. LITHO IN U.S.A., REV. 1/05
1
2
3
4
6
7
89
INHIBIT
GND
GND
NC
10
11
12
13
16
14
-63 V, 100 mA
-24 V, 50 mA
-24 V, 50 mA
RETURN
5 V
<3 A
F1
C1
C2
+5 Vin
VBAT1
VBAT2_b
VBAT2_a
RECOMMEND SOLID GROUND PLANE ON COMPONENT
SIDE OF MOTHER BOARD UNDER SPT5504CL.
PIN DESCRIPTIONS:
5 Vin
4.75-5.25 VDC input, <2.5 A
VBAT1
-63 V, 100 mA output
VBAT2
-24 V, 2 x 50 mA outputs
GND
Common input and output returns
Inhibit
Logic level remote inhibit
(>4.0 V, source 1 mA).
Enabled when open or <0.4 V.
NC
No connection
Product Schematic
SPT5504CL SLIC Power Module


Similar Part No. - SPT5504CL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SPT5504C BOURNS-SPT5504C Datasheet
219Kb / 2P
   SLIC Power Module
More results

Similar Description - SPT5504CL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SPT5504C BOURNS-SPT5504C Datasheet
219Kb / 2P
   SLIC Power Module
SPT5504Q BOURNS-SPT5504Q Datasheet
213Kb / 2P
   SLIC Power Module
logo
Agere Systems
L7554 AGERE-L7554 Datasheet
486Kb / 28P
   L7554 Low-Power SLIC
logo
Intersil Corporation
HC55120 INTERSIL-HC55120_06 Datasheet
692Kb / 36P
   Low Power Universal SLIC Family
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
logo
Bourns Electronic Solut...
TISP9110LDMR-S BOURNS-TISP9110LDMR-S_11 Datasheet
740Kb / 1P
   SLIC Protection
logo
Littelfuse
B1100C_L LITTELFUSE-B1100C_L Datasheet
153Kb / 3P
   SLIC Protector
logo
Intersil Corporation
HC5549CM INTERSIL-HC5549CM Datasheet
296Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Renesas Technology Corp
HC5549 RENESAS-HC5549 Datasheet
694Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com