Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDT61C Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # BDT61C
Description  NPN SILICON POWER DARLINGTONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BDT61C Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  BDT61C Datasheet HTML 1Page - Bourns Electronic Solutions BDT61C Datasheet HTML 2Page - Bourns Electronic Solutions BDT61C Datasheet HTML 3Page - Bourns Electronic Solutions BDT61C Datasheet HTML 4Page - Bourns Electronic Solutions BDT61C Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BDT61, BDT61A, BDT61B, BDT61C
NPN SILICON POWER DARLINGTONS
3
P R O D UCT
INFORMA TION
AUGUST 1993 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
5·0
1·0
20000
100
1000
10000
TCS110AD
T
C =
-40°C
T
C =
25°C
T
C = 100°C
V
CE =
3 V
t
p
= 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
5·0
1·0
0
0·5
1·0
1·5
2·0
TCS110AB
T
C =
-40°C
T
C =
25°C
T
C = 100°C
t
p
= 300 µs, duty cycle < 2%
I
B
= I
C / 100
BASE-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
5·0
1·0
0·5
1·0
1·5
2·0
2·5
3·0
TCS110AC
T
C =
-40°C
T
C =
25°C
T
C = 100°C
I
B
= I
C / 100
t
p
= 300 µs, duty cycle < 2%


Similar Part No. - BDT61C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDT61C POINN-BDT61C Datasheet
109Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDT61C ISC-BDT61C Datasheet
264Kb / 2P
   isc Silicon NPN Darlington Power Transistors
logo
New Jersey Semi-Conduct...
BDT61C NJSEMI-BDT61C Datasheet
136Kb / 2P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
BDT61CF ISC-BDT61CF Datasheet
278Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Similar Description - BDT61C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com