Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6TW-N Datasheet(PDF) 1 Page - AIMTEC

Part # AM6TW-N
Description  6 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6TW-N Datasheet(HTML) 1 Page - AIMTEC

  AM6TW-N Datasheet HTML 1Page - AIMTEC AM6TW-N Datasheet HTML 2Page - AIMTEC AM6TW-N Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM6TW-N Series
6 watt dc-dc converters
24 PIN DIP PACKAGE
WIDE 4:1 INPUT RANGE
HIGH EFFICIENCY UP TO 85%
SHIELDED METAL PACKAGE
INPUT/OUTPUT ISOLATION OF 1500VDC
OPERATING TEMPERATURE: -40°C ... +71°C
CONTINUOUS SHORT CIRCUIT PROTECTION
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Our AM6TW-N series is a family of cost effective 6W
single and dual output DC/DC converters. These
converters combine a shielded metal package in a
24-pin DIP compatible case and includes high per-
formance features such as a 1500VDC input/output
isolation voltage, continuous short circuit protection
and a tight line / load regulation. Wide range devices
operate over a 4:1 input voltage range continuously
providing a stable output voltage.
18 models operate from input voltages of 24 and
48VDC with output voltages of 3.3, 5, 12, 15, 24, ±5,
±12, ±15 & ±24VDC. High performance features
include high efficiency operation up to 85% and output
voltage accuracy of ±1%. All models are packaged in a
low profile 31.75 x 20.32 x 10.16mm case. Operation
is specified over the full operating temperature range of
-40°C to +71°C with no derating required. Cooling is
by free-air convection.
MTBF: > 1,000,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification.
Isolation Specifications:
Rated voltage (60 sec)
1500VDC
Resistance
> 1000MOhm
Capacitance
80pF, typ.
Output Specifications:
Voltage accuracy (Single)
±1%, typ.
Voltage accuracy (Dual)
±1% p. & ±3% n., typ.
Ripple
30m Vp-p, typ.
Noise (at 20MHz BW)
100mVp-p, typ.
Short circuit protection
Continuous
Line voltage regulation
±0.2%, max.
Load voltage regulation
±0.5%, max.
Temperature coefficient
±0.02%/°C, typ.
Input Specifications:
Voltage range
24VDC, 9~36VDC
48VDC, 18~72VDC
Filter
p
(Pi) Network
Environmental Specifications:
Operating temperature (ambient) -40°C ... +71°C
Storage temperature
-55°C ... +125°C
Case Temperature
+100°C, max.
Derating
None required
Humidity (non-condensing)
Up to 95%
Cooling
Free-air Convection
Physical Specifications:
Dimensions
31.75x20.32x10.16mm
1.25x0.80x0.40inches
Weight
26g
Case material
Metal
General Specifications:
Efficiency
76% to 85%
Switching frequency (Single)
300KHz, typ., 100% load
Switching frequency (Dual)
250KHz, typ., 100% load
Continued on next page
Picture
Available
Soon


Similar Part No. - AM6TW-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW-NZ AIMTEC-AM6TW-NZ Datasheet
259Kb / 5P
   Very low no load power consumption of 0.12W
More results

Similar Description - AM6TW-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com