Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5T-1207DH35 Datasheet(PDF) 1 Page - AIMTEC

Part # AM5T-1207DH35
Description  5 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5T-1207DH35 Datasheet(HTML) 1 Page - AIMTEC

  AM5T-1207DH35 Datasheet HTML 1Page - AIMTEC AM5T-1207DH35 Datasheet HTML 2Page - AIMTEC AM5T-1207DH35 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
58
TO ORDER CALL 1-888-9-AIMTEC
AM5T Series
5 watt dc-dc converters
24-PIN DIP PACKAGE
WIDE 2:1 INPUT RANGE
HIGH EFFICIENCY UP TO 80%
LOW PROFILE METAL PACKAGE
INPUT/OUTPUT ISOLATION: 1500 & 3500 VDC
CONTINUOUS SHORT CIRCUIT PROTECTION
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise stated.
Our AM5T series is a family of cost effective 5W single
and dual output DC-DC converters. Input voltages of 12,
24 & 48 VDC with output voltages of 3.3, 5, 7.2, 9, 12, 15,
18, 24, ±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18 & ±24VDC.
Full SMD-design and a 100% production test of parame-
ters ensures a high reliability in this product.
MTBF: > 1,009,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage (60 sec)
1500 & 3500VDC
Resistance
> 1000MOhm
Capacitance
120pF, typ.
Output Specifications:
Voltage accuracy
±1% max.
Voltage balance (Dual Output) ±1%
Ripple & Noise (at 20MHz BW) 60m Vp-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature coefficient
±0.02% /°C, typ.
Input Specifications:
Voltage range
12VDC, 9~18 VDC
24VDC, 18~36 VDC
48VDC, 36~72 VDC
Filter
p
(Pi) Network
Environmental Specifications:
Operating temperature (ambient) -40°C ... +85°C
Storage temperature
-55°C ... +125°C
Case temperature
+100°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air convection
Physical Specifications:
Dimensions
31.75x20.32x10.16mm
1.25x0.8x0.4 inches
Weight
19g
Case material
Nickel-Coated Copper
General Specifications:
Efficiency
74% to 80%
Switching Frequency
250KHz, typ. 100% load


Similar Part No. - AM5T-1207DH35

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5T-1207DH35Z AIMTEC-AM5T-1207DH35Z Datasheet
543Kb / 5P
   5 Watt | DC-DC Converter
AM5T-1207DH35Z AIMTEC-AM5T-1207DH35Z Datasheet
306Kb / 5P
   5 Watt | DC-DC Converter
More results

Similar Description - AM5T-1207DH35

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5TW AIMTEC-AM5TW Datasheet
261Kb / 2P
   5 watt dc-dc converters
AM5TW-N AIMTEC-AM5TW-N Datasheet
309Kb / 3P
   5 watt dc-dc converters
logo
List of Unclassifed Man...
AM5TW ETC-AM5TW Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-C AIMTEC-AM5TW-C Datasheet
311Kb / 2P
   5 watt dc-dc converters
AM5T-N AIMTEC-AM5T-N Datasheet
295Kb / 3P
   5 watt dc-dc converters
logo
Wall Industries,Inc.
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
   DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
   5~6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com