Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNDR-5S-T Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SNDR-5S-T
Description  DIP Switch (Machine Insertable Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SNDR-5S-T Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SNDR-5S-T Datasheet HTML 1Page - Bourns Electronic Solutions SNDR-5S-T Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SND Series DIP Switch (Machine Insertable Type)
Features
Double contacts offer high reliability
Low contact resistance
Self-clean on contact area
Splay terminals allow for automatic
insertion by IC insertion machine
Straight terminals are available for
RoHS compliant*
manual insertion
Electrical Characteristics
Electrical Life ............2,000 operations min.
per switch, 24 VDC, 25 mA
Non-Switching Rating ......100 mA, 50 VDC
Switching Rating ................25 mA, 24 VDC
Contact Resistance
........................50 milliohms max. at initial
..............100 milliohms max. after life test
Insulation Resistance....100 megohms min.
Dielectric Strength ............500 VAC/minute
Capacitance ..................5 pf max. between
adjacent closed switch
Circuit ....................Single pole single throw
Environmental Characteristics
Mechanical Life ..2,000 operations per switch
Operation Force ......................1,000 g max.
Stroke ..............................................1.0 mm
Operating Temp. Range ....-20 °C to +85 °C
Storage Temperature ........-40 °C to +85 °C
Vibration Test ......................MIL-STD-202F,
Method 201A
Frequency ................10-55-10 Hz/minute
Directions ................X,Y,Z, three mutually
perpendicular directions
Time......................2 hours each direction.
High reliability
Shock Test ..........................MIL-STD-202F,
Method 213B, Condition A
Gravity ..........50 G (peak value), 11 msec
Direction & Times....................6 sides and
3 times in each direction.
High reliability
Physical Characteristics
Base and Cover Materials
......................UL94V-0 high-temperature
thermoplastic PPS
Color ................................................Black
Actuator Materials ................UL94V-0 nylon
thermoplastic
Color ................................................White
Contact Materials ....................Alloy copper
Terminal Materials ..............................Brass
Contact Plating Materials
......................3 micro inches gold plating
over 40 micro inches nickel
Terminal Plating Materials ....................Gold
Wave Soldering Process
....Recommended solder temp. at 260 °C
(500 °F) max., 5 sec.
Hand Soldering Process
................Use a soldering iron of 30 watts
or less, controlled at 320 °C (608 °F) for
approx. 2 sec. while applying solder
Standard Packaging
......IC tubes/all poles in the “off” position
How to Order
SND X - 1 S - X
Model
Actuator
• X = Raised Actuator
• R = Recessed Actuator
Number of Positions
• 1 = 1 Position
• 7 = 7 Positions
• 2 = 2 Positions
• 8 = 8 Positions
• 3 = 3 Positions
• 9 = 9 Positions
• 4 = 4 Positions
• 10 = 10 Positions
• 5 = 5 Positions
• 12 = 12 Positions
• 6 = 6 Positions
Terminal Type
• S = Splay (Machine Insertion Type)
• H = Straight (Manual Insertion Type)
Seal
• X = Standard (Not Sealed)
• T = Top Tape Sealed
(“R” actuator only, excluding 1 position)
†For best results, keep all switch contacts in their “off”
position for all operations.
A +.006/ -0
(A + .0002/-0)
1.9
(.075)
6.20
(.244)
ON
DIP
1
2
3
4
5
6
7
8
3.60
(.142)
MAX.
4.30
(.169)
MIN.
0.50
(.020)
1.74
(.069)
2.54
(.100)
TYP.
B
7.62 ± 0.50
(.30 ± .020)
9.84 ± 0.50
(.387 ± .020)
1.0
(.039)
7.80
(.307)
0.25
(.010)
0.70
(.028)
SNDR SERIES
SNDX SERIES
RECOMMENDED PCB LAYOUT
B ± 0.10 = 2.54 x (P-1)
(B ± .004 = .100 x (P-1)
7.62 ± 0.10
(.300 ± .004)
0.97 ± 0.05
(.038 ± .002)
DIA.
SCHEMATIC (TYP.)
1-12 POSITIONS AVAILABLE
MODEL NO.
POS.
DIM. A
DIM. B
SND-12
12
31.42 (1.237)
26.94 (1.100)
SND-10
10
26.34 (1.037)
22.86 (.900)
SND-9
9
23.80 (.937)
20.32 (.800)
SND-8
8
21.26 (.837)
17.78 (.700)
SND-7
7
18.72 (.737)
15.24 (.600)
SND-6
6
16.18 (.637)
12.70 (.500)
SND-5
5
13.64 (.537)
10.16 (.400)
SND-4
4
11.10 (.437)
7.62 (.300)
SND-3
3
8.56 (.337)
5.08 (.200)
SND-2
2
6.02 (.237)
2.54 (.100)
SND-1
1
3.48 (.137)
SND Series Dimensions
Product Dimensions
DIMENSIONS:
MM
(IN)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Reflow Soldering Profile
Time (Seconds)
275
30-40 Sec.
120 °C
225
175
125
75
25
0
20
40
60
80
100 120 140 160 180 200
80-90 Sec.
10-15
Sec.
35-60
Sec.
180 °C
240 °C
The SND Series is currently available,
although not recommended for new
designs.


Similar Part No. - SNDR-5S-T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SNDR-9H-T BOURNS-SNDR-9H-T Datasheet
1Mb / 6P
   BOURNS OFFERS OVER 35 ASSORTED KITS
More results

Similar Description - SNDR-5S-T

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RI-01 DBLECTRO-RI-01 Datasheet
644Kb / 2P
   MACHINE INSERTABLE TYPE DIP SWITCH
RI-01 DBLECTRO-RI-01_07 Datasheet
373Kb / 2P
   Machine Inertable Type Dip Switch
logo
Aries Electronics, Inc.
1107741 ARIES-1107741 Datasheet
342Kb / 1P
   Machine insertable
logo
IXYS Corporation
CPC1916 IXYS-CPC1916 Datasheet
107Kb / 6P
   Machine Insertable, Wave Solderable
CPC1777 IXYS-CPC1777 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1918 IXYS-CPC1918 Datasheet
196Kb / 7P
   Machine Insertable, Wave Solderable
CPC1779 IXYS-CPC1779 Datasheet
195Kb / 7P
   Machine Insertable, Wave Solderable
CPC1908 IXYS-CPC1908 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1943 IXYS-CPC1943 Datasheet
115Kb / 6P
   Machine Insertable, Wave Solderable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com