Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP11072F3DR Datasheet(PDF) 10 Page - Bourns Electronic Solutions

Part # TISP11072F3DR
Description  Overvoltage Protector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP11072F3DR Datasheet(HTML) 10 Page - Bourns Electronic Solutions

Back Button TISP11072F3DR Datasheet HTML 5Page - Bourns Electronic Solutions TISP11072F3DR Datasheet HTML 6Page - Bourns Electronic Solutions TISP11072F3DR Datasheet HTML 7Page - Bourns Electronic Solutions TISP11072F3DR Datasheet HTML 8Page - Bourns Electronic Solutions TISP11072F3DR Datasheet HTML 9Page - Bourns Electronic Solutions TISP11072F3DR Datasheet HTML 10Page - Bourns Electronic Solutions TISP11072F3DR Datasheet HTML 11Page - Bourns Electronic Solutions TISP11072F3DR Datasheet HTML 12Page - Bourns Electronic Solutions TISP11072F3DR Datasheet HTML 13Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SEPTEMBER 1993 - REVISED FEBRUARY 2006
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP1xxxF3 Overvoltage Protector Series
Thermal Information
MAXIMUM NON-RECURRING 50 Hz CURRENT
t - Current Duration - s
0·1
1
10
100
1000
1
10
vs
CURRENT DURATION
TI1LAAa
V
GEN = 250 Vrms
R
GEN = 10 to 150 Ω
D Package
SL Package
THERMAL RESPONSE
t - Power Pulse Duration - s
Figure 20.
0·0001 0·001
0·01
0·1
1
10
100
1000
1
10
100
D Package
SL Package
TI1MAAa


Similar Part No. - TISP11072F3DR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP1120F3D BOURNS-TISP1120F3D Datasheet
183Kb / 5P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP1120H3BJ BOURNS-TISP1120H3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
More results

Similar Description - TISP11072F3DR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
logo
Power Innovations Ltd
TISP61CAP3 POINN-TISP61CAP3 Datasheet
89Kb / 5P
   PROGRAMMABLE OVERVOLTAGE PROTECTOR
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
logo
Surge Components
SVG110S SURGE-SVG110S Datasheet
233Kb / 4P
   Programmable Overvoltage Protector
logo
Bourns Electronic Solut...
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP3XXXT3BJ BOURNS-TISP3XXXT3BJ Datasheet
363Kb / 11P
   Overvoltage Protector Series
TISP4350H3LMR BOURNS-TISP4350H3LMR Datasheet
518Kb / 13P
   TISP4xxxH3LM Overvoltage Protector Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com