Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP40XXH1BJ Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # TISP40XXH1BJ
Description  VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP40XXH1BJ Datasheet(HTML) 7 Page - Bourns Electronic Solutions

  TISP40XXH1BJ Datasheet HTML 1Page - Bourns Electronic Solutions TISP40XXH1BJ Datasheet HTML 2Page - Bourns Electronic Solutions TISP40XXH1BJ Datasheet HTML 3Page - Bourns Electronic Solutions TISP40XXH1BJ Datasheet HTML 4Page - Bourns Electronic Solutions TISP40XXH1BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP40XXH1BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP40XXH1BJ Datasheet HTML 7Page - Bourns Electronic Solutions TISP40XXH1BJ Datasheet HTML 8Page - Bourns Electronic Solutions TISP40XXH1BJ Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AUGUST 1999 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Figure 4. Transformer Saturation
AI4XAO
Th1
T1
UNSATURATED
L
RW
Th1
T1
SATURATED
TISP40xxH1BJ VLV Overvoltage Protector Series
APPLICATIONS INFORMATION
Transformer Protection
The inductance of a transformer winding reduces considerably when the magnetic core material saturates. Saturation occurs when the
magnetizing current through the winding inductance exceeds a certain value. It should be noted that this is a different current to the
transformed current component from primary to secondary. The standard inductance-current relationship is:
where:
L = unsaturated inductance value in H
di = current change in A
dt = time period in s for current change di
E = winding voltage in V
Rearranging this equation and working large ∆ changes to saturation gives the useful circuit relationship of:
A transformer winding volt-second value for saturation gives the designer an idea of circuit operation under overvoltage conditions. The
volt-second value is not normally quoted, but most manufacturers should provide it on request. A 50 Vµs winding will support rectangular
voltage pulses of 50 V for 1 µs, 25 V for 2 µs, 1 V for 50 µs and so on. Once the transformer saturates, primary to secondary coupling will be
lost and the winding resistance, RW, shunts the overvoltage protector, Th1 - see Figure 4. This saturated condition is a concern for long
duration impulses and a.c. fault conditions because the current capability of the winding wire may be exceeded. For example, if the on-state
voltage of the protector is 1 V and the winding resistance is 0.2 Ω, the winding would bypass a current of 1/0.2 = 5 A, even through the
protector was in the low voltage condition.
EL
di
dt
-----
=
Ex
x
∆tL
∆i
=
( (
Figure 5 shows a generic protection arrangement. Resistors R1 and R2, together with the overcurrent protection, prevent excessive winding
current flow under a.c. conditions. Normally these resistors would only be needed for special cases, e.g. some T1/E1 designs. Alternatively, a
split winding could be used with a single resistor connecting the windings. This resistor could be by-passed by a small capacitor to reduce
signal attenuation.
Figure 5. Transformer Winding Protection
Th1
SIGNAL
T1
OVER-
CURRENT
PROTECT ION
LINE
R1
R2
AI4XAN
Overcurrent protection upstream from the overvoltage protector can be fuse, PTC or thick film resistor based. For very high frequency circuits,
fuse inductance due to spiral wound elements may need to be evaluated.
TISP® Device Voltage Selection
Normally, the working voltage value of the protector, VDRM, would be chosen to be just greater than the peak signal amplitude over the
equipment temperature range. This would give the lowest possible protection voltage, V(BO). This would minimize the peak voltage applied to
the transformer winding and increase the time to core saturation.
In high frequency circuits, there are two further considerations. Low voltage protectors have a higher capacitance than high voltage protectors.


Similar Part No. - TISP40XXH1BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP40XXL1AJBJ BOURNS-TISP40XXL1AJBJ Datasheet
489Kb / 15P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP40XXH1BJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP40XXL1AJBJ BOURNS-TISP40XXL1AJBJ Datasheet
489Kb / 15P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015H1BJ BOURNS-TISP4015H1BJ_07 Datasheet
356Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015L1AJ BOURNS-TISP4015L1AJ_07 Datasheet
378Kb / 11P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3072F3 BOURNS-TISP3072F3_08 Datasheet
738Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP30XXF3 BOURNS-TISP30XXF3 Datasheet
675Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com