Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP5110H3BJ Datasheet(PDF) 10 Page - Bourns Electronic Solutions

Part # TISP5110H3BJ
Description  FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP5110H3BJ Datasheet(HTML) 10 Page - Bourns Electronic Solutions

Back Button TISP5110H3BJ Datasheet HTML 3Page - Bourns Electronic Solutions TISP5110H3BJ Datasheet HTML 4Page - Bourns Electronic Solutions TISP5110H3BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP5110H3BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP5110H3BJ Datasheet HTML 7Page - Bourns Electronic Solutions TISP5110H3BJ Datasheet HTML 8Page - Bourns Electronic Solutions TISP5110H3BJ Datasheet HTML 9Page - Bourns Electronic Solutions TISP5110H3BJ Datasheet HTML 10Page - Bourns Electronic Solutions TISP5110H3BJ Datasheet HTML 11Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
JANUARY 1998 - REVISED FEBRUARY 2005
ISDN Device Selection
The ETSI Technical Report ETR 080:1993 defines several range values in terms of maximum and minimum ISDN feeding voltages. The
following table shows that ranges 1 and 2 can use a TISP5110H3BJ protector and ranges 3 to 5 can use a TISP5150H3BJ protector.
Impulse Testing
To verify the withstand capability and safety of the equipment, standards require that the equipment is tested with various impulse wave forms.
The table below shows some common values.
If the impulse generator current exceeds the protector’s current rating then a series resistance can be used to reduce the current to the
protector’s rated value and so prevent possible failure. The required value of series resistance for a given waveform is given by the following
calculations. First, the minimum total circuit impedance is found by dividing the impulse generator’s peak voltage by the protector’s rated
current. The impulse generator’s fictive impedance (generator’s peak voltage divided by peak short circuit current) is then subtracted from the
minimum total circuit impedance to give the required value of series resistance. In some cases the equipment will require verification over a
temperature range. By using the rated waveform values from Figure 10, the appropriate series resistor value can be calculated for ambient
temperatures in the range of -40 °C to 85 °C.
If the devices are used in a star-connection, then the ground return protector, Th3 in Figure 13, will conduct the combined current of protectors
Th1 and Th2. Similarly in the bridge connection (Figure 14), the protector Th1 must be rated for the sum of the conductor currents. In these
cases, it may be necessary to include some series resistance in the conductor feed to reduce the impulse current to within the protector’s
ratings.
TISP5xxxH3BJ Overvoltage Protection Series
APPLICATIONS INFORMATION
Range
Feeding Voltage
Standoff Voltage
VDRM
V
Device Name
Minimum
V
Maximum
V
15169-75
TISP5095H3BJ
26670
-80
TISP5110H3BJ
391
99
-120
TISP5150H3BJ
490
110
5
105
115
Standard
Peak Voltage
Setting
V
Voltage
Waveshape
µs
Peak Current
Value
A
Current
Waveshape
µs
TISP5xxxH3BJ
25 °C Rating
A
Series
Resistance
GR-1089-CORE
2500
2/10
500
2/10
500
0
1000
10/1000
100
10/1000
100
TIA-968-A
1500
10/160
200
10/160
250
0
800
10/560
100
10/560
160
0
1500
9/720 †
37.5
5/320 †
200
0
1000
9/720 †
25
5/320 †
200
0
I3124
1500
0.5/700
37.5
0.2/310
200
0
ITU-T K.20/21/45
1500
4000
6000
10/700
37.5
100
150
5/310
200
0
† TIA-968-A terminology for the waveforms produced by the ITU-T recommendation K.21 10/700 impulse generator.


Similar Part No. - TISP5110H3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP5110H3BJ POINN-TISP5110H3BJ Datasheet
299Kb / 15P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP5110H3BJ BOURNS-TISP5110H3BJ Datasheet
321Kb / 11P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP5110H3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP5070H3BJ POINN-TISP5070H3BJ Datasheet
299Kb / 15P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP5070H3BJ BOURNS-TISP5070H3BJ_07 Datasheet
321Kb / 11P
   FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP1072F3 BOURNS-TISP1072F3_08 Datasheet
718Kb / 12P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP1120F3D BOURNS-TISP1120F3D Datasheet
183Kb / 5P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com