Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4030L1BJR Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TISP4030L1BJR
Description  VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4030L1BJR Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TISP4030L1BJR Datasheet HTML 1Page - Bourns Electronic Solutions TISP4030L1BJR Datasheet HTML 2Page - Bourns Electronic Solutions TISP4030L1BJR Datasheet HTML 3Page - Bourns Electronic Solutions TISP4030L1BJR Datasheet HTML 4Page - Bourns Electronic Solutions TISP4030L1BJR Datasheet HTML 5Page - Bourns Electronic Solutions TISP4030L1BJR Datasheet HTML 6Page - Bourns Electronic Solutions TISP4030L1BJR Datasheet HTML 7Page - Bourns Electronic Solutions TISP4030L1BJR Datasheet HTML 8Page - Bourns Electronic Solutions TISP4030L1BJR Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AUGUST 1999 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP40xxL1AJ/BJ VLV Overvoltage Protectors
Electrical Characteristics, TA = 25 °C (Unless Otherwise Noted) (Continued)
Coff
Off-state capacitance
f= 1MHz,
Vd =1 V rms, VD =0
f= 1MHz,
Vd =1 V rms, VD =1V
f= 1MHz,
Vd =1 V rms, VD =2V
‘4015
‘4030
‘4040
‘4015
‘4030
‘4040
‘4015
‘4030
‘4040
28
27
23
25
24
20
23
22
18
36
35
29
33
31
26
30
29
24
pF
Parameter
Test Conditions
Min
Typ
Max
Unit
Thermal Characteristics
Min
Typ
Max
Unit
RθJA
Junctio n to free air thermal resistance
EIA/JESD51-3 PCB, IT = ITSM(1000),
SMA
TA = 25 °C, (see Note 3)
SMB
125
120
°C/W
265 mm x 210 mm populated line card, SMA
4-layer PCB, IT = ITSM(1000), TA = 25 °C SMB
60
55
NOTE 3: EIA/JESD51-2 environment and PCB has standard footprint dimensions connected with 5 A rated printed wiring track widths.
Parameter
Test Conditions


Similar Part No. - TISP4030L1BJR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4030L1BJ BOURNS-TISP4030L1BJ Datasheet
378Kb / 11P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4030L1BJR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP40XXH1BJ BOURNS-TISP40XXH1BJ Datasheet
321Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015H1BJ BOURNS-TISP4015H1BJ_07 Datasheet
356Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015L1AJ BOURNS-TISP4015L1AJ_07 Datasheet
378Kb / 11P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3072F3 BOURNS-TISP3072F3_08 Datasheet
738Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP30XXF3 BOURNS-TISP30XXF3 Datasheet
675Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com