Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4030L1AJR-S Datasheet(PDF) 10 Page - Bourns Electronic Solutions

Part # TISP4030L1AJR-S
Description  VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4030L1AJR-S Datasheet(HTML) 10 Page - Bourns Electronic Solutions

Back Button TISP4030L1AJR-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP4030L1AJR-S Datasheet HTML 7Page - Bourns Electronic Solutions TISP4030L1AJR-S Datasheet HTML 8Page - Bourns Electronic Solutions TISP4030L1AJR-S Datasheet HTML 9Page - Bourns Electronic Solutions TISP4030L1AJR-S Datasheet HTML 10Page - Bourns Electronic Solutions TISP4030L1AJR-S Datasheet HTML 11Page - Bourns Electronic Solutions TISP4030L1AJR-S Datasheet HTML 12Page - Bourns Electronic Solutions TISP4030L1AJR-S Datasheet HTML 13Page - Bourns Electronic Solutions TISP4030L1AJR-S Datasheet HTML 14Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AUGUST 1999 - REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP40xxL1AJ/BJ VLV Overvoltage Protectors
4-Wire Digital Systems (Continued)
Figure 12. 4-Wire System
AI4XAM
DC FEED
Th 9
SIGNAL
Th10
SIGNAL
TRANSFORMER COUPLED FOUR-WIRE INTERFACE
Th7
Th8
T3
T4
OVER-
CURRENT
PROTECTION
OVER-
CURRENT
PROTECTION
LINE 1
LINE 2
OVER-
CURRENT
PROTECTION
OVER-
CURRENT
PROTECTION
Th5
Th 6
Th1
Th2
Th 3
Th4
DC SUPPLY
SIGNAL
SIGNAL
T1
T2
For an HDSL d.c. feed voltage of 180 V or less and operation down to an ambient of -25 °C, the following Th1, Th2, Th3 and Th4 protectors
are suitable: TISP4250M3 or TISP4250H3, TISP3250H3 (combines Th1 and Th2 or Th3 and Th4) and TISP7250H3 (combines Th1, Th2 and
Th7 or Th3, Th4 and Th8). Possible overcurrent protection components are covered in the 2-wire digital systems clause.
For ISDN interfaces powered with ±40 V (ETSI, ETS 300 012 1992) the following Th1, Th2, Th3 and Th4 protectors are suitable: TISP4070M3
or TISP4070H3 or TISP4070L3, TISP3070F3 or TISP3070H3 (combines Th1 and Th2 or Th3 and Th4) and TISP7070F3 or TISP7070H3
(combines Th1, Th2 and Th7 or Th3, Th4 and Th8). At the terminating adaptor, the Th7 and Th8 protectors do not “see” the d.c. feed voltage
and should be selected to not clip the maximum signal level. Generally, the TISP40xxL1 series will be suitable.
Internal ISDN lines are not exposed to high stress levels and the chances of a.c. power intrusion are low (ETSI EN 300 386-2 1997).
Accordingly, the equipment port protection needs are at a lower level than ports connected to outside lines.
Home Phone Networking
Using the existing house telephone wiring, home phone networking systems place the local network traffic in a high band above the POTS and
ADSL (Asymmetrical Digital Subscriber Line) spectrum. Local network rates are 1 Mbps or more. To reject noise and harmonics, an in-line
protection and 5 MHz to 10 MHz bandpass filter module is used for the equipment. These modules are available from magnetic component
manufacturers (e.g. Bel Fuse Inc.) A typical circuit for the telephone line magnetics module is shown in Figure 13. Transformer T1 isolates the
equipment from the house wiring. The isolated winding output is voltage limited by a very low-voltage protector, Th1. With a differential voltage
of about 12 V peak to peak, the TISP4015L1 could be used for Th1. After filtering, connection is made to the differential transceiver of the
processing IC.
Figure 13. Home Phone Networking Isolation/filter/protection Circuit
AI4XAP
Th1
FILTER
C1
T1
TIP
RING
PROTECTION
HRTRX+
HRTRX-


Similar Part No. - TISP4030L1AJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4030L1AJ BOURNS-TISP4030L1AJ Datasheet
378Kb / 11P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4030L1AJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP40XXH1BJ BOURNS-TISP40XXH1BJ Datasheet
321Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015H1BJ BOURNS-TISP4015H1BJ_07 Datasheet
356Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015L1AJ BOURNS-TISP4015L1AJ_07 Datasheet
378Kb / 11P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3072F3 BOURNS-TISP3072F3_08 Datasheet
738Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP30XXF3 BOURNS-TISP30XXF3 Datasheet
675Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com